Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ030EZ5MZPH Datasheet(PDF) 7 Page - Sharp Corporation

Part # PQ030EZ5MZPH
Description  Compact Surface Mount type Low Power-Loss Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ030EZ5MZPH Datasheet(HTML) 7 Page - Sharp Corporation

Back Button PQ030EZ5MZPH Datasheet HTML 2Page - Sharp Corporation PQ030EZ5MZPH Datasheet HTML 3Page - Sharp Corporation PQ030EZ5MZPH Datasheet HTML 4Page - Sharp Corporation PQ030EZ5MZPH Datasheet HTML 5Page - Sharp Corporation PQ030EZ5MZPH Datasheet HTML 6Page - Sharp Corporation PQ030EZ5MZPH Datasheet HTML 7Page - Sharp Corporation PQ030EZ5MZPH Datasheet HTML 8Page - Sharp Corporation PQ030EZ5MZPH Datasheet HTML 9Page - Sharp Corporation PQ030EZ5MZPH Datasheet HTML 10Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Sheet No.: OP06021
PQxxxEZ5MZxH Series/PQxxxEZ01ZxH Series
Fig.25 Output Voltage vs. Input Voltage
(PQ018EZ01ZxH)
Input voltage VIN (V)
Fig.26 Output Voltage vs. Input Voltage
(PQ025EZ01ZxH)
Input voltage VIN (V)
3.
2.
1.
0.
Fig.27 Output Voltage vs. Input Voltage
(PQ030EZ01ZxH)
Input voltage VIN (V)
Fig.28 Output Voltage vs. Input Voltage
(PQ033EZ01ZxH)
Input voltage VIN (V)
0
3.5
3
2.5
2
1.5
1
0.5
012345
V C=2.7V
Ta=Room temp.
CIN=0.33μF
CO=47μF
RL=11Ω (IO=0.3A)
RL=6.6Ω (IO=0.5A)
RL=∞Ω (IO=0A)
0
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
012345
RL=3Ω (IO=0.5A)
RL=1.5Ω (IO=1A)
RL=∞Ω (IO=0A)
V C=2.7V
Ta=Room temp.
CIN=0.33μF
CO=47μF
Fig.23 Output Voltage vs. Input Voltage
(PQ033EZ5MZxH)
Input voltage VIN (V)
Fig.24 Output Voltage vs. Input Voltage
(PQ015EZ01ZxH)
Input voltage VIN (V)
0
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
012345
RL=3.6Ω (IO=0.5A)
RL=1.8Ω (IO=1A)
RL=∞Ω (IO=0A)
V C=2.7V
Ta=Room temp.
CIN=0.33μF
CO=47μF
0
2.5
2
1.5
1
0.5
012345
RL=5Ω (IO=0.5A)
RL=2.5Ω (IO=1A)
RL=0Ω (IO=0A)
V C=2.7V
Ta=Room temp.
CIN=0.33μF
CO=47μF
0
3.5
3
2.5
2
1.5
1
0.5
012345
V C=2.7V
Ta=Room temp.
CIN=0.33μF
CO=47μF
RL=6Ω (IO=0.5A)
RL=3Ω (IO=1A)
RL=∞Ω (IO=0A)
0
5
3
5
2
5
1
5
012345
V C=2.7V
Ta=Room temp.
CIN=0.33μF
CO=47μF
RL=6.6Ω (IO=0.5A)
RL=3.3Ω (IO=1A)
RL=∞Ω (IO=0A)


Similar Part No. - PQ030EZ5MZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ030EZ5MZP SHARP-PQ030EZ5MZP Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ030EZ5MZP SHARP-PQ030EZ5MZP Datasheet
129Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
More results

Similar Description - PQ030EZ5MZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1LA153MSPQ SHARP-PQ1LA153MSPQ Datasheet
133Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WNA1ZPH SHARP-PQ200WNA1ZPH Datasheet
146Kb / 5P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1KAXX3MZPH SHARP-PQ1KAXX3MZPH Datasheet
138Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LAX95MSPQ SHARP-PQ1LAX95MSPQ Datasheet
145Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1MXX5M2SPQ SHARP-PQ1MXX5M2SPQ Datasheet
152Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQXXXDNA1ZPH SHARP-PQXXXDNA1ZPH Datasheet
172Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LAXX3MSPQ SHARP-PQ1LAXX3MSPQ Datasheet
136Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQXXXEN01ZPH SHARP-PQXXXEN01ZPH Datasheet
188Kb / 8P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN01ZPH SHARP-PQXXXGN01ZPH Datasheet
191Kb / 9P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com