Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ012FZ5MZZ Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ012FZ5MZZ
Description  Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ012FZ5MZZ Datasheet(HTML) 2 Page - Sharp Corporation

  PQ012FZ5MZZ Datasheet HTML 1Page - Sharp Corporation PQ012FZ5MZZ Datasheet HTML 2Page - Sharp Corporation PQ012FZ5MZZ Datasheet HTML 3Page - Sharp Corporation PQ012FZ5MZZ Datasheet HTML 4Page - Sharp Corporation PQ012FZ5MZZ Datasheet HTML 5Page - Sharp Corporation PQ012FZ5MZZ Datasheet HTML 6Page - Sharp Corporation PQ012FZ5MZZ Datasheet HTML 7Page - Sharp Corporation PQ012FZ5MZZ Datasheet HTML 8Page - Sharp Corporation PQ012FZ5MZZ Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Low Power-Loss Voltage Regulators
PQxxxFZ5MZ Series/PQxxxFZ01Z Series
I Electrical Characteristics
I Output Voltage Line-up
Fig.1
Test Circuit
PQxxxFZ5MZ
PQxxxFZ01Z
Conditions
Symbol
Parameter
VIN
VB
VO
RegL
RegI
TCVO
RR1
RR2
Unit
MAX.
TYP.
MIN.
1.7
2.35
2
IO=5mA to 0.5A
IO=5mA to 1A
VIN=1.7 to 3.7V, VB=2.35 to 7V, IO=5mA
Tj=0 to 125˚C, IO=5mA
Refer to Fig.2
Refer to Fig.3
VC=0.4V
IO=0
IO=0, VC=0.4V
Refer to following table
0.2
0.2
0.5
65
60
1.5
3.7
7
1
1
200
0.8
2
3
10
(Unless otherwise specified, VIN=1.8V, VB=3.3V, IO=0.3A, VC=2.7V, Ta=25˚C(PQxxxFZ5MZ))
(Unless otherwise specified, VIN=1.8V, VB=3.3V, IO=0.5A, VC=2.7V, Ta=25˚C(PQxxxFZ01Z))
V
V
V
%
%
%/˚C
dB
dB
V
µA
V
µA
mA
µA
Input voltage
Bias supply voltage
Output voltage
Load regulation
Line regulation
Temperature coefficient of output voltage
Ripple rejection
❇4
ON-state current for control
OFF-state voltage for control
Output OFF-state dissipation current
ON-state voltage for control
VC (ON)
IC (ON)
VC (OFF)
IC (OFF)
Iqs
OFF-state current for control
Bias inflow current
IB
❇4 In case of opening control terminal , output voltage turns off
4
Model No.
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
0.97
1.17
VO
VO
1.0
1.2
1.03
1.23
V
(Unless otherwise specified, VIN=1.8V, VB=3.3V, IO=0.3A, VC=2.7V, Ta=25˚C(PQxxxFZ5MZ))
(Unless otherwise specified, VIN=1.8V, VB=3.3V, IO=0.5A, VC=2.7V, Ta=25˚C(PQxxxFZ01Z))
PQ012FZ5MZ/PQ012FZ01Z
PQ010FZ5MZ/PQ010FZ01Z
RL
IC
Iqs
IB
IO
VO
VC
0.33
µF
0.33
µF
100
µF
(Rated voltage : 50V)
VIN
A
A
V
A
VB
A
1
3
4
2
5


Similar Part No. - PQ012FZ5MZZ

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
PQ012 PICO-PQ012 Datasheet
5Mb / 27P
   Ultra-compact PC oscilloscopes
2021
logo
Sharp Corporation
PQ012GN01ZPH SHARP-PQ012GN01ZPH Datasheet
191Kb / 9P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ012GN1HZPH SHARP-PQ012GN1HZPH Datasheet
165Kb / 7P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ012FZ5MZZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015YZ5MZ SHARP-PQ015YZ5MZ Datasheet
99Kb / 8P
   Low Voltage Operation, Low Power-Loss Voltage Regulators (SC-63 Package)
PQXXXEZ5MZ SHARP-PQXXXEZ5MZ Datasheet
129Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ070XZ5MZ SHARP-PQ070XZ5MZ Datasheet
89Kb / 8P
   SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com