Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH4V36AM-6 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MH4V36AM-6
Description  FAST PAGE MODE 150994944-BIT ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH4V36AM-6 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MH4V36AM-6 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH4V36AM-6 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH4V36AM-6 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH4V36AM-6 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH4V36AM-6 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH4V36AM-6 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH4V36AM-6 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH4V36AM-6 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH4V36AM-6 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MITSUBISHI
ELECTRIC
FAST PAGE MODE 150994944-BIT ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
MH4V36AM-6,-7
MITSUBISHI LSIs
Preliminary Spec.
Some of contents are subject to change without notice.
MIT-DS-0071-0.1
Sep./19 /1996
(
/ 18 )
1
PIN CONFIGURATION ( TOP VIEW )
DESCRIPTION
The MH4V36AM is an 4M word by 36-bit dynamic
RAM module and consists of 2 industry standard
4M X 16 dynamic RAMs in TSOP and 1 industry
standard 4M X 4(4CAS) dynamic RAMs in TSOP.
The ICs are mounted on both sides of one small
ceracom PC board with flash gold plating and form a
convenient 68-pin package.
DQ1 1
DQ2 2
DQ3 3
DQ4 4
DQ5 5
Vss
6
DQ6 7
DQ7 8
DQ8 9
DQP1 10
DQ9
11
Vcc 12
DQ10 13
DQ11 14
DQ12 15
DQ13 16
DQ14 17
Vss 18
DQ15 19
DQ16 20
DQP2 21
Vcc 22
/CAS0 23
/CAS3 24
A0 25
A1 26
A2 27
Vss 28
A3 29
A4 30
A5 31
/RAS 32
68 DQP4
67 DQ32
66 DQ31
65 DQ30
64 DQ29
63 Vss
62 DQ28
61 DQ27
60 DQ26
59 DQ25
58 DQP3
57 Vcc
56 DQ24
55 DQ23
54 DQ22
53 DQ21
52 DQ20
51 Vss
50 DQ19
49 DQ18
48 DQ17
47 Vcc
46 /CAS2
45 /CAS1
44 /W
43 /OE
42 RFU(NC)
41 Vss
40 A11
39 A10
38 A9
37 A8
APPLICATION
Main memory unit for computers, Microcomputer memory,
Refresh memory for CRT
FEATURES
Type name
access
time
(max.ns)
RAS
access
time
(max.ns)
CAS
(max.ns)
access
time
Address
time
(min.ns)
Cycle
60
15
30
110
15
access
time
(max.ns)
OE
MH4V36AM-6
Utilizes industry standard 4M X 16 DRAMs in TSOP package
and industry standard 4M X 4(4CAS) DRAM in TSOP
package
Single 3.3V +/- 0.3V supply
Low stand-by power dissipation
5.4mW (Max) . . . . . . . . . . . . . . . . . CMOS lnput level
Low operating power dissipation
MH4V36AM - 6 . . . . . . . . . . . . . . . . 1.155W (Max)
MH4V36AM - 7 . . . . . . . . . . . . . . . . 1.100W (Max)
All inputs, output TTL compatible and low capacitance
4096 refresh cycles every 64ms (A0 ~ A11)
Includes 2pcs 0.22uF decoupling capacitors
A6 33
Vcc 34
36 A7
35 Vcc
70
20
35
130
20
MH4V36AM-7


Similar Part No. - MH4V36AM-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH4V6445BXJJ-5 MITSUBISHI-MH4V6445BXJJ-5 Datasheet
152Kb / 26P
   HYPER PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
MH4V6445BXJJ-5S MITSUBISHI-MH4V6445BXJJ-5S Datasheet
152Kb / 26P
   HYPER PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
MH4V6445BXJJ-6 MITSUBISHI-MH4V6445BXJJ-6 Datasheet
152Kb / 26P
   HYPER PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
MH4V6445BXJJ-6S MITSUBISHI-MH4V6445BXJJ-6S Datasheet
152Kb / 26P
   HYPER PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
MH4V644AWXJ-5 MITSUBISHI-MH4V644AWXJ-5 Datasheet
171Kb / 20P
   FAST PAGE MODE 268435456 - BIT ( 4194304 - WORD BY 64 - BIT ) DYNAMIC RAM
More results

Similar Description - MH4V36AM-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH4M365CXJ-5 MITSUBISHI-MH4M365CXJ-5 Datasheet
231Kb / 15P
   HYPER PAGE MODE 150994944-BIT ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
MH4M36CJD-5 MITSUBISHI-MH4M36CJD-5 Datasheet
130Kb / 14P
   FAST PAGE MODE ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
MH1M144CXTJ-6 MITSUBISHI-MH1M144CXTJ-6 Datasheet
115Kb / 14P
   FAST PAGE MODE 150994944-BIT (1048576-WORD BY 144-BIT)DYNAMIC RAM
M5M417400CJ MITSUBISHI-M5M417400CJ Datasheet
514Kb / 22P
   FAST PAGE MODE 16777216-BIT (4194304-WORD BY 4-BIT) DYNAMIC RAM
MH4V64AXJJ MITSUBISHI-MH4V64AXJJ Datasheet
217Kb / 25P
   FAST PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
M5M44800CJ MITSUBISHI-M5M44800CJ Datasheet
209Kb / 21P
   FAST PAGE MODE 4194304-BIT (524288-WORD BY 8-BIT) DYNAMIC RAM
M5M44260CJ MITSUBISHI-M5M44260CJ Datasheet
296Kb / 29P
   FAST PAGE MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M44400BJ MITSUBISHI-M5M44400BJ Datasheet
1Mb / 24P
   FAST PAGE MODE 4194304-BIT(1048576-WORD BY 4-BIT)DYNAMIC RAM
MH4V724AWXJ-5 MITSUBISHI-MH4V724AWXJ-5 Datasheet
174Kb / 20P
   FAST PAGE MODE 301989888 - BIT ( 4194304 - WORD BY 72 - BIT ) DYNAMIC RAM
MH4V644AWXJ-5 MITSUBISHI-MH4V644AWXJ-5 Datasheet
171Kb / 20P
   FAST PAGE MODE 268435456 - BIT ( 4194304 - WORD BY 64 - BIT ) DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com