Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B44033 Datasheet(PDF) 7 Page - EPCOS

Part # B44033
Description  Half shells (semicircular supports) and tightening clamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B44033 Datasheet(HTML) 7 Page - EPCOS

  B44033 Datasheet HTML 1Page - EPCOS B44033 Datasheet HTML 2Page - EPCOS B44033 Datasheet HTML 3Page - EPCOS B44033 Datasheet HTML 4Page - EPCOS B44033 Datasheet HTML 5Page - EPCOS B44033 Datasheet HTML 6Page - EPCOS B44033 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
350
Siemens Matsushita Components
Retaining rings for use on mounting plates
For capacitors 64 to 121 mm in diameter.
Material: UV-resistant plastic
The threaded stud at the case bottom is used as second fixing point. When mounting it must be
ensured that the retaining ring lies below the case crimp. The position of the crimp is indicated on
the individual data sheets.
Dimensions in mm
Capacitor
diameter
mm
d1 ± 0,2
(mounting plate)
mm
d2 + 0,5
d3 + 0,5
d4 + 0,5
Ordering code
64
70
59
74
64
B44033-A60
79
85
74
89
79
B44033-A75
89
95
84
99
89
B44033-A85
99
105
94
109
99
B44033-A95
121
126
115
130
120
B44033-A116
KLK0778-Y
4
d
d
2
d
1
3
d
Mounting plate
B 44 033
Jump to succeding page


Similar Part No. - B44033

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44033-A1143 EPCOS-B44033-A1143 Datasheet
182Kb / 9P
   Mounting parts
B44033-A116 EPCOS-B44033-A116 Datasheet
182Kb / 9P
   Mounting parts
B44033-A1178 EPCOS-B44033-A1178 Datasheet
182Kb / 9P
   Mounting parts
B44033-A2143 EPCOS-B44033-A2143 Datasheet
182Kb / 9P
   Mounting parts
B44033-A2178 EPCOS-B44033-A2178 Datasheet
182Kb / 9P
   Mounting parts
More results

Similar Description - B44033

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX60530 AXIOMTEK-AX60530 Datasheet
186Kb / 1P
   Supports half-size SBCs
logo
Glenair, Inc.
390MS077M0501-5N GLENAIR-390MS077M0501-5N Datasheet
403Kb / 2P
   Backshells, Boots and Clamps
380MS137M0501-5N GLENAIR-380MS137M0501-5N Datasheet
389Kb / 2P
   Backshells, Boots and Clamps
logo
List of Unclassifed Man...
8092 ETC2-8092 Datasheet
104Kb / 2P
   CABLE CLAMPS AND TIES
logo
Glenair, Inc.
370MS038C0501-5N GLENAIR-370MS038C0501-5N Datasheet
389Kb / 2P
   Backshells, Boots and Clamps
340MS026CG05-401-6 GLENAIR-340MS026CG05-401-6 Datasheet
417Kb / 2P
   Backshells, Boots and Clamps
logo
FCI connector
8655PHRAXX01 FCI-CONNECTOR-8655PHRAXX01 Datasheet
435Kb / 3P
   D-SUB PLASTIC SHELLS
8655MHRAXX01 FCI-CONNECTOR-8655MHRAXX01 Datasheet
453Kb / 3P
   D-SUB METAL SHELLS
logo
NXP Semiconductors
S32M2XX NXP-S32M2XX Datasheet
2Mb / 135P
   Supports S32M24x and S32M27x
Rev. 3 - 10/2023
logo
Glenair, Inc.
290-003 GLENAIR-290-003 Datasheet
125Kb / 2P
   Strain-Relief Clamps and Environmental Backshells
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com