Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQXXXEZ01ZXH Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQXXXEZ01ZXH
Description  Compact Surface Mount type Low Power-Loss Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQXXXEZ01ZXH Datasheet(HTML) 3 Page - Sharp Corporation

  PQXXXEZ01ZXH Datasheet HTML 1Page - Sharp Corporation PQXXXEZ01ZXH Datasheet HTML 2Page - Sharp Corporation PQXXXEZ01ZXH Datasheet HTML 3Page - Sharp Corporation PQXXXEZ01ZXH Datasheet HTML 4Page - Sharp Corporation PQXXXEZ01ZXH Datasheet HTML 5Page - Sharp Corporation PQXXXEZ01ZXH Datasheet HTML 6Page - Sharp Corporation PQXXXEZ01ZXH Datasheet HTML 7Page - Sharp Corporation PQXXXEZ01ZXH Datasheet HTML 8Page - Sharp Corporation PQXXXEZ01ZXH Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Sheet No.: OP06021
Ambient temperature Ta (°C)
Note) Oblique line portion:Overheat protection may operate in this area.
Output current IO (A)
Fig.4 Overcurrent Protection Characteristics
(PQ015EZ5MZxH)
A
A
3
2
5
1
V
A
VIN
0.33μF
47μF
VC
IC
VO
IO
RL
+
Iq
ei
eo
2.7V
3
1
2
5
V
~
~
0.33μF
IO
RL
47μF
+
+
VIN
VC
Fig.1 Test Circuit
Fig.2 Test Circuit for Ripple Rejection
f=120Hz(sine wave)
ei(rms)=0.5V
VIN= VO(TYP)+0.5V
IO=0.3A
RR=20log(ei(rms)/eo(rms))
Fig.3 Power Dissipation vs. Ambient
Temperature
PQxxxEZ5MZxH Series/PQxxxEZ01ZxH Series
0
5
10
8
−40
−20
0
20406080
PD : With infinite heat sink
0
0.3
0.6
0.9
1.2
1.5
0
0.2
0.4
0.6
0.8
1
1.2
0.1
0.3
0.5
0.7
0.9
1.1
V IN=2.35V
V IN=3V
V IN=3.3V
V IN=2.5V
V IN=5V
+
+


Similar Part No. - PQXXXEZ01ZXH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXEZ01Z SHARP-PQXXXEZ01Z Datasheet
129Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
More results

Similar Description - PQXXXEZ01ZXH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1LA153MSPQ SHARP-PQ1LA153MSPQ Datasheet
133Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WNA1ZPH SHARP-PQ200WNA1ZPH Datasheet
146Kb / 5P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1KAXX3MZPH SHARP-PQ1KAXX3MZPH Datasheet
138Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LAX95MSPQ SHARP-PQ1LAX95MSPQ Datasheet
145Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1MXX5M2SPQ SHARP-PQ1MXX5M2SPQ Datasheet
152Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQXXXDNA1ZPH SHARP-PQXXXDNA1ZPH Datasheet
172Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LAXX3MSPQ SHARP-PQ1LAXX3MSPQ Datasheet
136Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQXXXEN01ZPH SHARP-PQXXXEN01ZPH Datasheet
188Kb / 8P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN01ZPH SHARP-PQXXXGN01ZPH Datasheet
191Kb / 9P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com