Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ025EN01ZPH Datasheet(PDF) 7 Page - Sharp Corporation

Part # PQ025EN01ZPH
Description  Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ025EN01ZPH Datasheet(HTML) 7 Page - Sharp Corporation

  PQ025EN01ZPH Datasheet HTML 1Page - Sharp Corporation PQ025EN01ZPH Datasheet HTML 2Page - Sharp Corporation PQ025EN01ZPH Datasheet HTML 3Page - Sharp Corporation PQ025EN01ZPH Datasheet HTML 4Page - Sharp Corporation PQ025EN01ZPH Datasheet HTML 5Page - Sharp Corporation PQ025EN01ZPH Datasheet HTML 6Page - Sharp Corporation PQ025EN01ZPH Datasheet HTML 7Page - Sharp Corporation PQ025EN01ZPH Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Sheet No.: OP06047
PQxxxEN01ZPH Series
0
10
20
30
0
10
20
30
01
2
3
45
RL=2.5Ω (IO=1A)
RL=5Ω (IO=0.5A)
RL=∞Ω (IO=0A)
VC=2.7V
Ta=Room temp.
CIN=0.33μF
CO=47μF
01
2
3
45
RL=3Ω (IO=1A)
RL=6Ω
(IO=0.5A)
RL=∞Ω (IO=0A)
VC=2.7V
Ta=Room temp.
CIN=0.33μF
CO=47μF
Fig.22 Circuit Operating Current vs. Input
Voltage (PQ025EN01ZPH)
Input voltage VIN (V)
Fig.23 Circuit Operating Current vs. Input
Voltage (PQ030EN01ZPH)
Input voltage VIN (V)
0
10
20
30
1.4
1.2
1
0.8
0.6
0.4
0.2
-50
125
100
75
50
25
0
-25
0
01
2
3
45
RL=3.3Ω (IO=1A)
RL=6.6Ω (IO=0.5A)
RL=∞Ω (IO=0A)
VC=2.7V
Ta=Room temp.
CIN=0.33μF
CO=47μF
IO
=0A
VC
=2.7V
033:VIN
=4.3V
030:VIN
=4.0V
018:VIN
=2.8V
025:VIN
=3.5V
015:VIN
=2.5V
Fig.24 Circuit Operating Current vs. Input
Voltage (PQ033EN01ZPH)
Input voltage VIN (V)
Fig.25 Quiescent Current vs. Junction
Temperature (PQxxxEN01ZPH)
Junction temperature Tj (°C)
0
0.25
0.2
0.15
0.1
0.05
-50
125
100
75
50
25
0
-25
PQ033EN01ZPH
PQ030EN01ZPH
Vo(TYP.)+1V
Vc=2.7V
Io=0.5A
0.1
1
10
100
35
40
45
50
55
60
65
70
75
ei(rms)=0.5V
Vc=2.7V
IO=0.3A
CO=47μF
Ta=Room temp.
015(VIN=3.5V)
018(VIN=3.8V)
033(VIN=5.3V)
030(VIN=5V)
025(VIN=4.5V)
Fig.26 Dropout Voltage vs. Junction Temperature
(PQ030EN01ZPH,PQ033EN01ZPH)
Junction temperature Tj (°C)
Fig.27 Ripple Rejection vs. Input Ripple
Frequency (PQxxxEN01ZPH)
Input ripple frequency f (kHz)


Similar Part No. - PQ025EN01ZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ025ENA1ZPH SHARP-PQ025ENA1ZPH Datasheet
180Kb / 7P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ025ENAHZPH SHARP-PQ025ENAHZPH Datasheet
147Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ025EN01ZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXGN01ZPH SHARP-PQXXXGN01ZPH Datasheet
191Kb / 9P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ015ENAHZPH SHARP-PQ015ENAHZPH Datasheet
147Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ070XNA1ZPH SHARP-PQ070XNA1ZPH Datasheet
142Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ070XN01ZPH SHARP-PQ070XN01ZPH Datasheet
140Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXENA1ZPH SHARP-PQXXXENA1ZPH Datasheet
180Kb / 7P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN1HZPH SHARP-PQXXXGN1HZPH Datasheet
165Kb / 7P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LA153MSPQ SHARP-PQ1LA153MSPQ Datasheet
133Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WNA1ZPH SHARP-PQ200WNA1ZPH Datasheet
146Kb / 5P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1KAXX3MZPH SHARP-PQ1KAXX3MZPH Datasheet
138Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com