Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ018EH01ZPH Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ018EH01ZPH
Description  Low Voltage Operation Low Power-Loss Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ018EH01ZPH Datasheet(HTML) 1 Page - Sharp Corporation

  PQ018EH01ZPH Datasheet HTML 1Page - Sharp Corporation PQ018EH01ZPH Datasheet HTML 2Page - Sharp Corporation PQ018EH01ZPH Datasheet HTML 3Page - Sharp Corporation PQ018EH01ZPH Datasheet HTML 4Page - Sharp Corporation PQ018EH01ZPH Datasheet HTML 5Page - Sharp Corporation PQ018EH01ZPH Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Sheet No.: OP06029
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Parameter
Symbol
Rating
Unit
1
V
A
V
Input voltage
35
W
°C
Power dissipation
*1
*3
*2
Junction temperature
150
Operating temperature
-40 to +85
Storage temperature
-40 to +150
Soldering temperature
260(10s)
10
10
Features
Outline Dimensions
Applications
Absolute Maximum Ratings
PQxxxEH01ZxH Series
PQxxxEH01ZxH Series
Output control voltage
Output current
*1
°C
°C
°C
*1 All are open except GND and applicable terminals.
*2 PD:With infinite heat sink
*3
Model Line-up
(Unit : mm)
Low Voltage Operation
Low Power-Loss Voltage Regulators
1.Low voltage operation
(Minimum operating voltage: 2.35V)
2.5V input   available 1.5 to 1.8V output
2.Large output current type (IO: 1A)
3.Low dissipation current
(Dissipation current at no load: MAX. 2mA
Output OFF-state dissipation current: MAX.5μA)
4.Low power-loss
5.Built-in overcurrent and overheat protection functions
6.TO-263 package
7.RoHS directive compliant
1.Peripheral equipment of personal computers
2.Power supplies for various electronic equipment such as
DVD player or STB
1A
Output
current (IO)
Package
type
Output voltage (VO)
Taping
Sleeve
PQ015EH01ZPH
1.5V
1.8V
2.5V
PQ018EH01ZPH PQ025EH01ZPH
PQ015EH01ZZH PQ018EH01ZZH PQ025EH01ZZH
(Ta=25°C)
VIN
VC
IO
PD
Tj
Topr
Tstg
Tsol
Overheat protection may operate at Tj:125°C to 150°C
NC
0 to 0.25
015E H 01
10.6
MAX.
ø2
3.28±
0.5
(0.6)
(0.6)
(0.6)
(0.45)
(0.45)
1.05
+0.2
–0.1
1.05
+0.2
–0.1
3–0.9
+0.2
–0.1
4–(1.7)
Epoxy resin
(0.6)
3.5±
0.5
1
1
2
5
3
GND
1
2
3
4
5
6
6
5
4
3
2
Lead finish:Lead-free solder plating
(Composition: Sn2Cu)
H
Lead finish
identification mark
Product mass:(1.0g)
( ) : Typical dimensions
DC input (VIN)
ON/OFF control terminal (VC)
DC output (VO)
DC output (VO)


Similar Part No. - PQ018EH01ZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ018EH02ZPH SHARP-PQ018EH02ZPH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
PQ018EH02ZZH SHARP-PQ018EH02ZZH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
More results

Similar Description - PQ018EH01ZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_V01 Datasheet
508Kb / 14P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
RXXLD10 ETL-RXXLD10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXFZ5MZ SHARP-PQXXXFZ5MZ Datasheet
119Kb / 10P
   Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PQ070XF01SZH SHARP-PQ070XF01SZH Datasheet
151Kb / 4P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com