Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ033EF02SZH Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ033EF02SZH
Description  TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ033EF02SZH Datasheet(HTML) 1 Page - Sharp Corporation

  PQ033EF02SZH Datasheet HTML 1Page - Sharp Corporation PQ033EF02SZH Datasheet HTML 2Page - Sharp Corporation PQ033EF02SZH Datasheet HTML 3Page - Sharp Corporation PQ033EF02SZH Datasheet HTML 4Page - Sharp Corporation PQ033EF02SZH Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Features
Outline Dimensions
Lead finish:Lead-free solder plating
(Composition: Sn2Cu)
Applications
PQxxxEF02SZH Series
PQxxxEF02SZH Series
(Unit : mm)
Sheet No.: OP06067
TO-220 Type,Low Voltage Operation
Low Power-Loss Voltage Regulators
Model Line-up
Parameter
Symbol
Rating
Unit
2.0
V
V
Input voltage
1.4
W
°C
Power dissipation
*1
*3
*2
Junction temperature
150
Operating temperature
-40 to +85
Storage temperature
-40 to +150
Soldering temperature
260(10s)
10
Absolute Maximum Ratings
(Ta=25°C)
ON/OFF control terminal voltage
Output current
*1
°C
°C
°C
*1 All are open except GND and applicable terminals.
*2 PD1: No heat sink,PD2: With infinite heat sink.
*3 Overheat protection may operate at Tj=125˚C to 150˚C
VIN
VC
IO
10
A
1.Low voltage operation
(Minimum operating voltage: 2.35V)
2.Low dissipation current
(Dissipation current at no load: MAX. 2mA
Output OFF-state dissipation current: MAX.5μA)
3.Low power-loss
Dropout voltage: MAX.0.5V
4.Built-in overcurrent and overheat protection functions
5.RoHS directive compliant
1.AV equipment
(Digital TV/STB/PDP/DVD recorder)
2.OA equipment
(Printer/LCD monitor/Copier/LC projector)
1.5V
1.8V
Model No.
2.5V
3.3V
Model No.
PQ015EF02SZH
PQ018EF02SZH
PQ025EF02SZH
PQ033EF02SZH
Output voltage
Output voltage
15
015EF02
(6.8)
4
3
2
1
(0.5)
(1.5)
Specific IC
Internal connection diagram
1
2
3
4
DC input (VIN)
DC output (VO)
GND
ON/OFF control terminal (VC)
H
Lead finish
identification mark
Product mass:(1.6g)
( ) : Typical dimensions
PD2
PD1
Tj
Topr
Tstg
Tsol
Epoxy resin
10.2MAX.
4–(ø1.4)
ø3.2±0.1
4–1.4 +
0.3
–0
4–0.6+0.2
–0.1
3–(2.54)
4.5±0.2
2.8±0.2


Similar Part No. - PQ033EF02SZH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ033EF01SZH SHARP-PQ033EF01SZH Datasheet
177Kb / 6P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
More results

Similar Description - PQ033EF02SZH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ070XF01SZH SHARP-PQ070XF01SZH Datasheet
151Kb / 4P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEF01SZH SHARP-PQXXXEF01SZH Datasheet
177Kb / 6P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQ070XF02SZH SHARP-PQ070XF02SZH Datasheet
150Kb / 4P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_V01 Datasheet
508Kb / 14P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com