Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41857A9335M00 Datasheet(PDF) 9 Page - EPCOS

Part # B41857A9335M00
Description  Single-Ended Capacitors High Reliability
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41857A9335M00 Datasheet(HTML) 9 Page - EPCOS

Back Button B41857A9335M00 Datasheet HTML 4Page - EPCOS B41857A9335M00 Datasheet HTML 5Page - EPCOS B41857A9335M00 Datasheet HTML 6Page - EPCOS B41857A9335M00 Datasheet HTML 7Page - EPCOS B41857A9335M00 Datasheet HTML 8Page - EPCOS B41857A9335M00 Datasheet HTML 9Page - EPCOS B41857A9335M00 Datasheet HTML 10Page - EPCOS B41857A9335M00 Datasheet HTML 11Page - EPCOS B41857A9335M00 Datasheet HTML 12Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
453 10/02
High Reliability – 105 °C
B41857 / B43857
250
0,47
6,3
× 11
54
0,20
706
10
B43857F2474M00*
1,0
8
× 11
58
0,20
332
17
B43857F2105M00*
2,2
8
× 11
67
0,20
151
25
B43857F2225M00*
3,3
10
× 16
75
0,20
101
39
B43857F2335M00*
4,7
10
× 16
85
0,20
71
47
B43857F2475M00*
10
10
× 20
125
0,20
33
75
B43857F2106M00*
22
16
× 20
215
0,20
15
145
B43857F2226M00*
33
16
× 25
298
0,20
10
193
B43857F2336M00*
47
16
× 31,5
403
0,20
7,1
250
B43857K2476M00*
100
18
× 35
800
0,20
3,3
411
B43857F2107M00*
350
0,47
8
× 11
55
0,24
847
11
B43857A4474M00*
1,0
8
× 11
61
0,24
398
16
B43857A4105M00*
2,2
10
× 12,5
73
0,24
181
28
B43857A4225M00*
3,3
10
× 16
85
0,24
121
38
B43857A4335M00*
4,7
10
× 20
99
0,24
85
49
B43857A4475M00*
10
10
× 20
155
0,24
40
72
B43857A4106M00*
22
16
× 25
281
0,24
18
151
B43857A4226M00*
33
16
× 31,5
397
0,24
12
201
B43857A4336M00*
47
16
× 31,5
544
0,24
8,5
240
B43857A4476M00*
100
18
× 40
1100
0,24
4,0
417
B43857A4107M00*
450
1,0
10
× 12,5
64
0,24
398
18
B43857A5105M00*
2,2
10
× 16
80
0,24
181
30
B43857A5225M00*
3,3
10
× 20
95
0,24
121
40
B43857A5335M00*
4,7
12,5
× 25
113
0,24
85
60
B43857A5475M00*
10
16
× 25
185
0,24
40
98
B43857A5106M00*
22
16
× 31,5
347
0,24
18
159
B43857A5226M00*
33
18
× 35
496
0,24
12
219
B43857A5336M00*
47
18
× 40
685
0,24
8,5
275
B43857A5476M00*
UR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IL
5 min
20
°C
µA
tan
δ
max
120 Hz
20
°C
ESRmax
120 Hz
20
°C
I~R
120 Hz
105
°C
mA
Ordering code1)
Preferred types
1) * = “0” for bulk version.
For taping versions, other lead configurations and packing information see page 503.


Similar Part No. - B41857A9335M00

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B4185-E OMRON-B4185-E Datasheet
173Kb / 20P
   SYSDRIVE 3G3HV Series
logo
EPCOS
B41851 EPCOS-B41851 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
B41851A2108M000 EPCOS-B41851A2108M000 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
B41851A2108M002 EPCOS-B41851A2108M002 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
B41851A2108M012 EPCOS-B41851A2108M012 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
More results

Similar Description - B41857A9335M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com