Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41867A6477M00 Datasheet(PDF) 7 Page - EPCOS

Part # B41867A6477M00
Description  Single-Ended Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41867A6477M00 Datasheet(HTML) 7 Page - EPCOS

  B41867A6477M00 Datasheet HTML 1Page - EPCOS B41867A6477M00 Datasheet HTML 2Page - EPCOS B41867A6477M00 Datasheet HTML 3Page - EPCOS B41867A6477M00 Datasheet HTML 4Page - EPCOS B41867A6477M00 Datasheet HTML 5Page - EPCOS B41867A6477M00 Datasheet HTML 6Page - EPCOS B41867A6477M00 Datasheet HTML 7Page - EPCOS B41867A6477M00 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
491 10/02
140 °C
B41867
Useful life
depending on ambient temperature
TA under ripple current operating conditions1)
UR = 10 … 50 VDC
1) Refer to page 40 for an explanation on how to interpret the useful life graphs.
Frequency factor of
permissible ripple current
I~
versus frequency
f
Impedance
Z
versus frequency
f
Typical behavior at 20 °C
80
50
0
40
1,5
0,5
1,0
60
70
A
110
90
100
120
T
130
150
˚C
4,5
3,0
2,0
2,5
3,5
4,0
R
Ι~
Ι~
B41867
5,0
KAL0799-R
10
10
0
0,2
0,4
0,6
10
12
~
Ι
1,0
0,8
1,2
120 kHz
1,4
1,6
~
Ι
2,0
f
B41867
10
10
3
4
Hz
f
5
KAL0800-Y
10
10
_1
10 0
2
1
10
10 3
Z
10 1
10 2
10
10 4
10 5 Hz
f
6
KAL0801-7
B41867
_
10 2
330 µF/16 V
1000 µF/25 V


Similar Part No. - B41867A6477M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41863 EPCOS-B41863 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
logo
TDK Electronics
B41863 TDK-B41863 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
B41863A5108A TDK-B41863A5108A Datasheet
474Kb / 25P
   Aluminum electrolytic capacitors
logo
EPCOS
B41863A5108A000 EPCOS-B41863A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B41863A5108A001 EPCOS-B41863A5108A001 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
More results

Similar Description - B41867A6477M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
B41896 EPCOS-B41896_08 Datasheet
566Kb / 30P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com