Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7221HS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SAA7221HS
Description  Integrated MPEG AVGD decoders
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7221HS Datasheet(HTML) 5 Page - NXP Semiconductors

  SAA7221HS Datasheet HTML 1Page - NXP Semiconductors SAA7221HS Datasheet HTML 2Page - NXP Semiconductors SAA7221HS Datasheet HTML 3Page - NXP Semiconductors SAA7221HS Datasheet HTML 4Page - NXP Semiconductors SAA7221HS Datasheet HTML 5Page - NXP Semiconductors SAA7221HS Datasheet HTML 6Page - NXP Semiconductors SAA7221HS Datasheet HTML 7Page - NXP Semiconductors SAA7221HS Datasheet HTML 8Page - NXP Semiconductors SAA7221HS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
2000 Jan 31
5
Philips Semiconductors
Preliminary specification
Integrated MPEG AVGD decoders
SAA7215; SAA7216; SAA7221
APPLICATIONS
The SAA7215 integrated MPEG AVGD decoder is aimed
at being used in MPEG digital TV applications. This
decoder is primarily designed to be connected to a
SAA7214 transport stream descrambler/demultiplexer/
microcontroller by means of glueless interfaces even
though connections to other market demultiplexers and/or
microcontrollers are possible. Compatibility is also
targeted with the SAA7219 and with the successor of the
T-MIPS family.
The SAA7215 can be used in any system where high-end
graphics are needed (associated SDRAM can be
extended to 32-Mbit) as well as in low cost systems (all
functions can be enabled with only 16-Mbit of associated
SDRAM).
GENERAL DESCRIPTION
The SAA7215HS, SAA7216HS, SAA7221H is a MPEG-2
source decoder which combines audio decoding and video
decoding. Additionally to these basic MPEG functions it
also provides means for enhanced graphics, background
display and/or on-screen display as well as encoding of
output video. Due to an optimized architecture for audio
and video decoding, maximum capacity in external
memory and processing power from the external CPU is
available for graphics support.
Possible options are indicated in Table 1.
Table 1
Possible options
QUICK REFERENCE DATA
ORDERING INFORMATION
TYPE NUMBER
MACROVISION
SECAM
SAA7215HS/C2
no
no
SAA7216HS/C1
yes
no
SAA7221HS/C1
no
yes
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDD
functional supply voltage range
3.0
3.3
3.6
V
IDD
total supply current; VDD = 3.3 V
tbf
mA
CLK
device clock input frequency (2 solutions are possible)
−30 ppm
+27
+30 ppm
MHz
−30 ppm
+40.5
+30 ppm
MHz
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7215HS/C2
SQFP208
plastic shrink quad flat package; 208 leads (lead length 1.3 mm);
body 28
× 28 × 3.4 mm
SOT316-1
SAA7216HS/C1
SAA7221HS/C1


Similar Part No. - SAA7221HS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7221HS/C1 PHILIPS-SAA7221HS/C1 Datasheet
80Kb / 20P
   STB5860 Set-Top Box STB concept
1999 Aug 25
More results

Similar Description - SAA7221HS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
   MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
NXP Semiconductors
SAA7212 PHILIPS-SAA7212 Datasheet
93Kb / 20P
   Integrated MPEG AVG decoder
1998 Sep 07
logo
Fujitsu Component Limit...
MB86H21 FUJITSU-MB86H21 Datasheet
191Kb / 3P
   MPEG-2 Decoder with Integrated NDS ICAM
logo
Holt Integrated Circuit...
HI-1575 HOLTIC-HI-1575 Datasheet
117Kb / 12P
   3.3V Dual Transceivers with Integrated Encoder / Decoders
logo
Cypress Semiconductor
CY2410 CYPRESS-CY2410 Datasheet
432Kb / 13P
   MPEG Clock Generator with VCXO Integrated phase-locked loop (PLL)
logo
List of Unclassifed Man...
VS1011E ETC2-VS1011E Datasheet
467Kb / 49P
   MPEG AUDIO CODEC
logo
National Semiconductor ...
54LS42 NSC-54LS42 Datasheet
128Kb / 6P
   Decimal Decoders
logo
Holt Integrated Circuit...
HI-1575 HOLTIC-HI-1575_11 Datasheet
107Kb / 13P
   MIL-STD-1553 3.3V Dual Transceivers with Integrated Encoder / Decoders
logo
List of Unclassifed Man...
BT829B ETC1-BT829B Datasheet
1Mb / 127P
   VideoStreamII Decoders
logo
National Semiconductor ...
54LS138 NSC-54LS138 Datasheet
165Kb / 8P
   Decoders/Demultiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com