Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41867A7228M00 Datasheet(PDF) 6 Page - EPCOS

Part # B41867A7228M00
Description  Single-Ended Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41867A7228M00 Datasheet(HTML) 6 Page - EPCOS

  B41867A7228M00 Datasheet HTML 1Page - EPCOS B41867A7228M00 Datasheet HTML 2Page - EPCOS B41867A7228M00 Datasheet HTML 3Page - EPCOS B41867A7228M00 Datasheet HTML 4Page - EPCOS B41867A7228M00 Datasheet HTML 5Page - EPCOS B41867A7228M00 Datasheet HTML 6Page - EPCOS B41867A7228M00 Datasheet HTML 7Page - EPCOS B41867A7228M00 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
490 10/02
140 °C
B41867
50
4,7
10
× 16
5
0,12
42,3
35
B41867A6475M00*
10
10
× 16
5
0,12
19,9
50
B41867A6106M00*
22
10
× 16
11
0,12
9,0
80
B41867A6226M00*
33
10
× 16
17
0,12
6,0
90
B41867A6336M00*
47
10
× 20
24
0,12
4,2
130
B41867A6476M00*
100
12,5
× 25
50
0,12
2,0
230
B41867A6107M00*
220
16
× 25
110
0,12
0,90
380
B41867A6227M00*
330
18
× 31,5
165
0,12
0,60
555
B41867A6337M00*
470
18
× 35
235
0,12
0,42
700
B41867A6477M00*
1 000
18
× 40
500
0,12
0,20
1085
B41867A6108M00*
63
47
10
× 20
30
0,12
4,2
130
B41867A8476M00*
100
12,5
× 25
63
0,12
2,0
230
B41867A8107M00*
220
16
× 25
139
0,12
0,90
380
B41867A8227M00*
330
18
× 31,5
208
0,12
0,60
555
B41867A8337M00*
470
18
× 35
296
0,12
0,42
700
B41867A8477M00*
1 000
18
× 40
630
0,12
0,20
1085
B41867A8108M00*
1) * = “0” for bulk version. For taping versions, other lead configurations and packing information see page 503.
Technical data and ordering codes
UR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IL
5 min
20
°C
µA
tan
δ
max
120 Hz
20
°C
ESRmax
120 Hz
20
°C
I~R
120 Hz
140
°C
mA
Ordering code1)


Similar Part No. - B41867A7228M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41863 EPCOS-B41863 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
logo
TDK Electronics
B41863 TDK-B41863 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
B41863A5108A TDK-B41863A5108A Datasheet
474Kb / 25P
   Aluminum electrolytic capacitors
logo
EPCOS
B41863A5108A000 EPCOS-B41863A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B41863A5108A001 EPCOS-B41863A5108A001 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
More results

Similar Description - B41867A7228M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
B41896 EPCOS-B41896_08 Datasheet
566Kb / 30P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com