Electronic Components Datasheet Search |
|
BY133 Datasheet(PDF) 1 Page - Won-Top Electronics |
|
BY133 Datasheet(HTML) 1 Page - Won-Top Electronics |
1 / 4 page BY133 1 of 4 © 2006 Won-Top Electronics Pb BY133 1.0A HIGH VOLTAGE STANDARD DIODE Features ! Diffused Junction ! Low Forward Voltage Drop ! High Current Capability A B A ! High Reliability ! High Surge Current Capability Mechanical Data C ! Case: DO-41, Molded Plastic D ! Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 ! Polarity: Cathode Band ! Weight: 0.35 grams (approx.) ! Mounting Position: Any ! Marking: Type Number ! Lead Free: For RoHS / Lead Free Version, Add “-LF” Suffix to Part Number, See Page 4 Maximum Ratings and Electrical Characteristics @T A=25°C unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Symbol BY133 Unit Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR 1300 V RMS Reverse Voltage VR(RMS) 910 V Average Rectified Output Current (Note 1) @TA = 75°C IO 1.0 A Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) IFSM 30 A Forward Voltage @IF = 1.0A VFM 1.0 V Peak Reverse Current @TA = 25°C At Rated DC Blocking Voltage @TA = 100°C IRM 5.0 50 µA Typical Junction Capacitance (Note 2) Cj 15 pF Typical Thermal Resistance Junction to Ambient (Note 1) RJA 50 °C/W Operating Temperature Range Tj -65 to +125 °C Storage Temperature Range TSTG -65 to +150 °C Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case 2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V D.C. WTE POWER SEMICONDUCTORS DO-41 Dim Min Max A 25.4 — B 4.06 5.21 C 0.71 0.864 D 2.00 2.72 All Dimensions in mm |
Similar Part No. - BY133 |
|
Similar Description - BY133 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |