Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY255-T3 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # BY255-T3
Description  3.0A HIGH VOLTAGE STANDARD DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

BY255-T3 Datasheet(HTML) 2 Page - Won-Top Electronics

  BY255-T3 Datasheet HTML 1Page - Won-Top Electronics BY255-T3 Datasheet HTML 2Page - Won-Top Electronics BY255-T3 Datasheet HTML 3Page - Won-Top Electronics BY255-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BY255
2 of 4
© 2006 Won-Top Electronics

0
1.0
2.0
3.0
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
A
4.0
25
50
75
100
125
150
175
200
0.2
1.0
10
100
200
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T= 25ºC
j
1.0
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Maximum Non-Repetitive Surge Current
10
100
200
Tj = 25°C
Pulse width = 300µs
1.0
10
100
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
f = 1MHz
T = 25ºC
j


Similar Part No. - BY255-T3

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BY255-AQ DIOTEC-BY255-AQ Datasheet
102Kb / 2P
   Standard Recovery Rectifier Diodes
More results

Similar Description - BY255-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1N5400 WTE-1N5400_06 Datasheet
48Kb / 4P
   3.0A STANDARD DIODE
logo
GETAI ELECTRONICS DEVIC...
HVRM3 GETEDZ-HVRM3 Datasheet
71Kb / 1P
   3.0kV 3.0A HIGH VOLTAGE DIODE
logo
Won-Top Electronics
S3AB WTE-S3AB Datasheet
45Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
SR3150 WTE-SR3150 Datasheet
61Kb / 4P
   3.0A HIGH VOLTAGE SURFACE MOUNT SCHOTTKY BARRIER DIODE
S3A WTE-S3A_06 Datasheet
44Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
TAITRON Components Inco...
1N5400 TAITRON-1N5400 Datasheet
171Kb / 5P
   3.0A STANDARD RECTIFIER
T3A05 TAITRON-T3A05 Datasheet
170Kb / 5P
   3.0A Standard Rectifier
logo
Won-Top Electronics
BY133 WTE-BY133_06 Datasheet
59Kb / 4P
   1.0A HIGH VOLTAGE STANDARD DIODE
RL208 WTE-RL208 Datasheet
45Kb / 4P
   2.0A HIGH VOLTAGE STANDARD DIODE
HER301 WTE-HER301_06 Datasheet
52Kb / 4P
   3.0A ULTRAFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com