Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41859A5107M00 Datasheet(PDF) 6 Page - EPCOS

Part # B41859A5107M00
Description  Single-Ended Capacitors Very Low Impedance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41859A5107M00 Datasheet(HTML) 6 Page - EPCOS

  B41859A5107M00 Datasheet HTML 1Page - EPCOS B41859A5107M00 Datasheet HTML 2Page - EPCOS B41859A5107M00 Datasheet HTML 3Page - EPCOS B41859A5107M00 Datasheet HTML 4Page - EPCOS B41859A5107M00 Datasheet HTML 5Page - EPCOS B41859A5107M00 Datasheet HTML 6Page - EPCOS B41859A5107M00 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
432 10/02
B41859
Very Low Impedance – 105 °C
Useful life
depending on ambient temperature
TA under ripple current operating conditions1)
UR = 6,3 ... 50 VDC
Frequency factor of permissible
ripple current
I~
versus frequency
f
Impedance Z
versus frequency
f
Typical behavior at 20 °C
110
40
0
0,5
1,0
50
60
90
70
80
100
˚C
T
A
B41859
Ι
R
~
Ι~
1,5
2,0
2,5
3,0
3,5
KAL0767-N
1) Refer to page 40 for an explanation on how to interpret the useful life graphs.
6,3 V, 10 V, 16 V, 25 V
10
0
0,2
0,4
0,6
23
10
Ι~
1,0
0,8
1,2
100 kHz
1,4
Ι~
2,0
f
B41859
35 V, 50 V
10
10 4
Hz
f
5
KAL0768-W
10
10
12
10
5
10
4
10
3
10
2
_
10 1
_
f
6
Hz 10
KAL0769-5
Z
10
470 µF/50 V
0
1000 µF/25 V
10 1
10
Ω B41859
2


Similar Part No. - B41859A5107M00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41859 TDK-B41859 Datasheet
519Kb / 28P
   Aluminum electrolytic capacitors Single-ended capacitors
B41859C4108M TDK-B41859C4108M Datasheet
526Kb / 28P
   Aluminum electrolytic capacitors
B41859C4108M000 TDK-B41859C4108M000 Datasheet
49Kb / 2P
   Single Ended (Radial) Capacitors
B41859C4108M001 TDK-B41859C4108M001 Datasheet
49Kb / 2P
   Single Ended (Radial) Capacitors
B41859C4108M002 TDK-B41859C4108M002 Datasheet
49Kb / 2P
   Single Ended (Radial) Capacitors
More results

Similar Description - B41859A5107M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41856 EPCOS-B41856 Datasheet
97Kb / 8P
   Single-Ended Capacitors Low Impedance
B41886 EPCOS-B41886 Datasheet
87Kb / 6P
   Single-Ended Capacitors Lowest Impedance
logo
Vishay Siliconix
136RVI VISHAY-136RVI_12 Datasheet
148Kb / 11P
   Aluminum Capacitors Radial Very Low Impedance
Revision: 20-Jul-12
136RVI VISHAY-136RVI_07 Datasheet
152Kb / 11P
   Aluminum Capacitors Radial Very Low Impedance
Revision: 21-Dec-07
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
   Aluminum electrolytic capacitors Radial, Very Low Impedance
2000 Jan 18
logo
EPCOS
B41888 EPCOS-B41888 Datasheet
717Kb / 27P
   Long-life grade capacitors Very low impedance
logo
Vishay Siliconix
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
136RVI VISHAY-136RVI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
01-Jan-2023
logo
Illinois Capacitor, Inc...
106ACZ035M ILLINOISCAPACITOR-106ACZ035M_13 Datasheet
230Kb / 2P
   105C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
106ACZ035M ILLINOISCAPACITOR-106ACZ035M Datasheet
415Kb / 3P
   105째C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com