Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ30RV1 Datasheet(PDF) 7 Page - Sharp Corporation

Part # PQ30RV1
Description  Low Power-Loss Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ30RV1 Datasheet(HTML) 7 Page - Sharp Corporation

  PQ30RV1 Datasheet HTML 1Page - Sharp Corporation PQ30RV1 Datasheet HTML 2Page - Sharp Corporation PQ30RV1 Datasheet HTML 3Page - Sharp Corporation PQ30RV1 Datasheet HTML 4Page - Sharp Corporation PQ30RV1 Datasheet HTML 5Page - Sharp Corporation PQ30RV1 Datasheet HTML 6Page - Sharp Corporation PQ30RV1 Datasheet HTML 7Page - Sharp Corporation PQ30RV1 Datasheet HTML 8Page - Sharp Corporation PQ30RV1 Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Low Power-Loss Voltage Regulators
PQ30RV1/PQ30RV11/PQ30RV2/PQ30RV21
q
ON/OFF operation is available by mounting externally D2 and R3.
q
When VADJ is forcibly raised above Vref(1.25V TYP)by applying the external signal, the output is turned off(pass transistor of
regulator is turned off). When the output is OFF, VADJ must be higher then Vref MAX., and at the same time must be lower
than maximum rating 7V.
In OFF-state, the load current flows to RL from VADJ through R2. Therefore the value of R2 must be as high as possible.
q
VO'=VADJ✕RL/(RL+R2)
occurs at the load. OFF-state equivalent circuit R1 up to 10k
Ω is allowed. Select as high value of RL and R2 as possible in this
range. In some case, as output voltage is getting lower(VO<1V), impedance of load resistance rises. In such condition, it is
sometime impossible to obtain the minimum value of VO'. So add the dummy resistance indicated by RD in the figure to the
circuit parallel to the load.
s ON/OFF Operation
VC
High : Output OFF
Low : Output ON
D2
R3
R1
R2
CO
+
VO
RL
VADJ
D1
CIN
VIN
R1
Equivalent Circuit
in OFF-state
R2
RL
D2
VO'
VADJ
RD
1
2
4
3
s An Example of ON/OFF Circuit Using the 1-chip Microcomputer Output Port(PQ30RV1)
<Specification>
Output port of microcomputer
VOH(max)=0.5 V
VOH(min)=2.4 V (IOH=0.2mA)
MAX. rating of IOH=0.5mA
Output should be set as follows.
15.6V RL=52
Ω(IO=0.3A)
From VO=1.25V(1+R2/R1)we get VO=15.6V.
R2/R1=11.48
Assuming that VF(max)=0.8V for D2 in case of VOH(min)=2.4V, we get VADJ=VOH(min)–VF(max)=2.4V–0.8V=1.6V. From
Vref(max)=1.3V we get R3=0
If R1=10k
Ω, we get R2=11.48✕R1=114.8kΩ and IOH as follows, ingnoring RL (52Ω):
IOH=1.6V✕(R1+R2)/R1✕R2
=1.6V✕(10k
Ω+114.8kΩ)/10kΩ✕114.8kΩ=0.17mA
Hence, IOH<0.2mA. Therefore VOH(min)is ensured.
Next, assuming that VF(min)=0.5V for D2 in case of VOH(max), we get:
IOH=(5V–0.5V)(R1+R2)/R1✕R2=0.49mA which is less than the rating.
Figure 1 shows the VO–VC characteristics when R1=10k
Ω, R2=115kΩ, R3=0Ω, VIN=17V, RL=52Ω, and D1=1S2076A(Hitachi).


Similar Part No. - PQ30RV1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ30RV1 SHARP-PQ30RV1 Datasheet
63Kb / 8P
   Variable Output Low Power-Loss Voltage Regulators
PQ30RV11 SHARP-PQ30RV11 Datasheet
63Kb / 8P
   Variable Output Low Power-Loss Voltage Regulators
More results

Similar Description - PQ30RV1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6545 PANASONIC-AN6545 Datasheet
27Kb / 3P
   Low Power Loss Voltage Regulators
logo
Sharp Corporation
PQ15RW11J00H SHARP-PQ15RW11J00H Datasheet
76Kb / 4P
   Low Power-Loss Voltage Regulators
PQ07VZ012Z SHARP-PQ07VZ012Z Datasheet
68Kb / 6P
   Low Power-Loss Voltage Regulators
logo
List of Unclassifed Man...
L1481T-5 ETC-L1481T-5 Datasheet
280Kb / 6P
   Low Power-Loss Voltage Regulators
logo
Sharp Corporation
PQ12RF2V SHARP-PQ12RF2V Datasheet
91Kb / 8P
   Low Power-Loss Voltage Regulators
logo
E-Tech Electronics LTD
RXXLD10 ETL-RXXLD10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com