Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B500C1500 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # B500C1500
Description  1.5A SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

B500C1500 Datasheet(HTML) 1 Page - Won-Top Electronics

  B500C1500 Datasheet HTML 1Page - Won-Top Electronics B500C1500 Datasheet HTML 2Page - Won-Top Electronics B500C1500 Datasheet HTML 3Page - Won-Top Electronics B500C1500 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
B40C1500 – B500C1500
1 of 4
© 2006 Won-Top Electronics
Pb
B40C1500 – B500C1500
1.5A SINGLE-PHASE BRIDGE RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
A
!
High Current Capability
!
High Reliability
!
High Surge Current Capability
B
!
Ideal for Printed Circuit Boards
+
~
~
-
!
Recognized File # E157705
                       
C
D
Mechanical Data
!
Case: WOB, Molded Plastic
E
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
~
!
Polarity: As Marked on Body
!
Weight: 1.1 grams (approx.)
-
!
Mounting Position: Any
+
!
Marking: Type Number
G
!
Lead Free: For RoHS / Lead Free Version,
G
~
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
B40C
1500
B80C
1500
B125C
1500
B250C
1500
B380C
1500
B500C
1500
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
200
300
600
900
1200
V
Input Voltage Recommended
VR(RMS)
40
80
125
250
380
500
V
Average Rectified Output Current (Note 1)
@TA = 50°C
IO
1.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
50
A
Forward Voltage (per element)
@IF = 1.5A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
500
µA
Operating Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case.
WTE
POWER SEMICONDUCTORS
WOB
Dim
Min
Max
A
8.60
9.10
B
5.0
5.50
C
27.9
D
25.4
E
0.71
0.81
G
4.60
5.60
All Dimensions in mm


Similar Part No. - B500C1500

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B500C1500 WTE-B500C1500 Datasheet
45Kb / 3P
   1.5A BRIDGE RECTIFIER
logo
List of Unclassifed Man...
B500C1500 ETC-B500C1500 Datasheet
1Mb / 2P
   B40C1500 THRU B500C1500
logo
General Semiconductor
B500C1500G GE-B500C1500G Datasheet
146Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - B500C1500

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
RB150 WTE-RB150_06 Datasheet
57Kb / 4P
   1.5A SINGLE-PHASE BRIDGE RECTIFIER
KBP150 WTE-KBP150_06 Datasheet
47Kb / 4P
   1.5A SINGLE-PHASE BRIDGE RECTIFIER
W005M WTE-W005M_06 Datasheet
57Kb / 4P
   1.5A SINGLE-PHASE BRIDGE RECTIFIER
KBP005M WTE-KBP005M_06 Datasheet
63Kb / 4P
   1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBP150G WTE-KBP150G_06 Datasheet
63Kb / 4P
   1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DF150 WTE-DF150_06 Datasheet
56Kb / 4P
   1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
W005G WTE-W005G_06 Datasheet
47Kb / 4P
   1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
RB151 YFWDIODE-RB151 Datasheet
642Kb / 3P
   1.5A SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Semtech Corporation
RB151 SEMTECH-RB151 Datasheet
127Kb / 2P
   1.5A SINGLE - PHASE SILICON BRIDGE????
logo
SEMTECH ELECTRONICS LTD...
W005 SEMTECH_ELEC-W005 Datasheet
240Kb / 2P
   1.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com