Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41820A6474M00 Datasheet(PDF) 2 Page - EPCOS

Part # B41820A6474M00
Description  Single-Ended Capacitors Low Profile
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41820A6474M00 Datasheet(HTML) 2 Page - EPCOS

  B41820A6474M00 Datasheet HTML 1Page - EPCOS B41820A6474M00 Datasheet HTML 2Page - EPCOS B41820A6474M00 Datasheet HTML 3Page - EPCOS B41820A6474M00 Datasheet HTML 4Page - EPCOS B41820A6474M00 Datasheet HTML 5Page - EPCOS B41820A6474M00 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
387 10/02
B41820
Low Profile – 85°C
Specifications and characteristics in brief
Dimensional drawing
Dimensions and weight
Rated voltage
UR
6,3 … 50 VDC
Surge voltage
US
1,15 ·
UR
Rated capacitance
CR
0,1 … 22
µF
Capacitance tolerance
± 20 %
M
Useful life
85 °C;
UR; I~R
40°C;
UR; 1,3 · I~R
> 1 000 h
> 40 000 h
Requirements:
C/C ≤ ± 50 % of initial value
tan
δ≤ 3 times initial specified limit
IL
≤ initial specified limit
Failure percentage:
≤ 3 %
Failure rate:
≤ 100 fit (≤ 100 · 10–9/h)
(for definiton “fit”, refer to chapter
“Quality”, page 62)
Voltage endurance test
85°C;
UR
1 000 h
Post test requirements:
∆C/C ≤ ± 25 % of initial value
tan
δ≤ 2 times initial specified limit
IL
≤ initial specified limit
Vibration resistance
To IEC 60068-2-6, test Fc:
displacement amplitude 0,75 mm, frequency range 10 … 2000 Hz,
acceleration max. 10
g, duration 3
× 2 h
IEC climatic category
To IEC 60068-1:
40/085/56 (– 40°C/+ 85°C/56 days damp heat test)
Sectional specification
IEC 60384-4
Dimensions (mm)
Approx. weight
g
d
× ld
max × lmax
a ± 0,5
b
4
× 54,5 × 6
1,5
0,45 ± 0,05
0,3
KAL0812-M-E
d
d max.
15 min.
max.
5 min.
Minus pole
marking
+
-
Stand-off rubber seal


Similar Part No. - B41820A6474M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4182 EPCOS-B4182 Datasheet
73Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 1882,5 MHz
B4182 EPCOS-B4182 Datasheet
74Kb / 10P
   CDMA BTS
logo
List of Unclassifed Man...
B41821 ETC1-B41821 Datasheet
549Kb / 17P
   Single Ended GP - Capacitors
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41821A2108M000 EPCOS-B41821A2108M000 Datasheet
784Kb / 36P
   Single-ended capacitors
More results

Similar Description - B41820A6474M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41852 EPCOS-B41852 Datasheet
90Kb / 6P
   Single-Ended GP Capacitors Low Profile
B41856 EPCOS-B41856 Datasheet
97Kb / 8P
   Single-Ended Capacitors Low Impedance
B41859 EPCOS-B41859 Datasheet
93Kb / 7P
   Single-Ended Capacitors Very Low Impedance
B41825 EPCOS-B41825 Datasheet
98Kb / 7P
   Single-Ended Capacitors Low Leakage Current
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com