Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32427-A6605 Datasheet(PDF) 5 Page - EPCOS

Part # B32427-A6605
Description  AC Film Capacitors Lighting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32427-A6605 Datasheet(HTML) 5 Page - EPCOS

  B32427-A6605 Datasheet HTML 1Page - EPCOS B32427-A6605 Datasheet HTML 2Page - EPCOS B32427-A6605 Datasheet HTML 3Page - EPCOS B32427-A6605 Datasheet HTML 4Page - EPCOS B32427-A6605 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AC Film Capacitors
B 32 427
Lighting
Issue No. 1
10/00
Page 5 of 5
UN
Vac
CN
µF
Max. dimensions
d x l (mm)
Ordering code
Packing unit (pcs.)
450
2
25 x 58
B32427-A6205-+0$*
112
3
25 x 58
B32427-A6305-+0$*
112
4
30 x 58
B32427-A6405-+0$*
112
5
35 x 58
B32427-A6505-+0$*
84
6
35 x 58
B32427-A6605-+0$*
84
8
35 x 70
B32427-A6805-+0$*
84
10
35 x 70
B32427-A6106-+0$*
84
Notes for ordering code:
+ Replace for capacitance tolerance
J -
± 5%
K-
± 10%
$ Replace for construction
1 - Plastic case FRPP (UL94 V-1)
3 - Plastic case FRPP and M8 bolt
* Replace for wire lengths
1 / 2 65mm / 65mm with resistor
3 / 4 100mm / 100mm with resistor
5 / 6 150mm / 150mm with resistor
7 / 8 200mm / 200mm with resistor
9 / 0 250mm / 250mm with resistor
For special products ordering codes will be alloted by using the last two digits ( $ *).
 EPCOS AG 2000. All Rights Reserved. Reproduction, publication and dissemination of this data sheet, enclosures hereto
and the information contained therein without EPCOS' prior express consent is prohibited.
The information contained in this data sheet describes the type of component and shall not be considered as guaranteed
characteristics. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the
Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers'
Association), unless otherwise agreed.


Similar Part No. - B32427-A6605

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32436 EPCOS-B32436 Datasheet
364Kb / 5P
   AC Film Capacitors Lighting
B32496-C EPCOS-B32496-C Datasheet
74Kb / 6P
   SMT Inductors, SIMID Series SIMID 0603-C
More results

Similar Description - B32427-A6605

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32436 EPCOS-B32436 Datasheet
364Kb / 5P
   AC Film Capacitors Lighting
B32325 EPCOS-B32325 Datasheet
354Kb / 4P
   AC Film Capacitors Lighting
B32326 EPCOS-B32326 Datasheet
332Kb / 5P
   AC Film Capacitors Lighting
logo
TDK Electronics
B32320 TDK-B32320_17 Datasheet
130Kb / 8P
   Film Capacitors ??AC Capacitors
B32355 TDK-B32355 Datasheet
262Kb / 7P
   Film Capacitors ??AC Capacitors
logo
EPCOS
B32330B6305J051 EPCOS-B32330B6305J051 Datasheet
316Kb / 6P
   Film capacitors - AC capacitors
B32356B4205J012 EPCOS-B32356B4205J012 Datasheet
262Kb / 6P
   Film capacitors - AC capacitors
B32328A1155J017 EPCOS-B32328A1155J017 Datasheet
384Kb / 8P
   Film capacitors - AC capacitors
logo
TDK Electronics
B32350 TDK-B32350 Datasheet
237Kb / 8P
   Film Capacitors ??AC Capacitors
B33335 TDK-B33335 Datasheet
268Kb / 7P
   Film Capacitors ??AC Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com