Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82496C3121+ Datasheet(PDF) 2 Page - EPCOS

Part # B82496C3121+
Description  SMT Inductors, SIMID Series SIMID 0603-C
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82496C3121+ Datasheet(HTML) 2 Page - EPCOS

  B82496C3121+ Datasheet HTML 1Page - EPCOS B82496C3121+ Datasheet HTML 2Page - EPCOS B82496C3121+ Datasheet HTML 3Page - EPCOS B82496C3121+ Datasheet HTML 4Page - EPCOS B82496C3121+ Datasheet HTML 5Page - EPCOS B82496C3121+ Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
05/02
SMT Inductors, SIMID Series
SIMID 0603-C
B82496-C
General technical data
Rated inductance LR
Measured with impedance analyzer HP 4291A and
Agilent test fixture 16196 A at frequency fL
Q factor Qmin, Qtyp
Measured with impedance analyzer HP 4291A and
Agilent test fixture 16196 A
Qmin measured at frequency fQ
Rated current IR
Maximum permissible dc with
a temperature increase of
≤ 15 K
at rated temperature125
°C
Self-resonance frequency fres, min
Measured with network analyzer HP 8720
DC resistance Rmax
Measured at 20 °C ambient temperature,
measuring current
< I
R
Climatic category
55/125/56 (– 55
°C/+ 125°C/56 days damp heat test)
in accordance with IEC 60068-1
Solderability
(215
± 3)°C, (3 ± 0,3) s
wetting of soldering area:
≥ 95 %
in accordance with IEC 60068-2-58
Resistance to soldering heat
260
°C, 10 s in accordance with IEC 60068-2-58
∆L/L: ≤ ± 3%
Permissible PCB bending
2 mm (100 mm long standard PCB)
Weight
Approx. 4 mg


Similar Part No. - B82496C3121+

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82496C3121+000 TDK-B82496C3121+000 Datasheet
487Kb / 8P
   SMT inductors
October 2012
More results

Similar Description - B82496C3121+

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422H1223K EPCOS-B82422H1223K Datasheet
276Kb / 5P
   SMT Inductors, SIMID Series SIMID 1210?묱
B82422H1474K EPCOS-B82422H1474K Datasheet
484Kb / 8P
   SMT inductors SIMID series, SIMID 1210-H
B82496C3159A EPCOS-B82496C3159A Datasheet
81Kb / 6P
   SMT Inductors, SIMID Series
B82498F EPCOS-B82498F Datasheet
78Kb / 7P
   SMT Inductors, SIMID Series SIMID 0805-F
B82499A EPCOS-B82499A Datasheet
58Kb / 4P
   SMT Inductors, SIMID Series
B82496C3109 EPCOS-B82496C3109 Datasheet
125Kb / 8P
   SMT inductors, SIMID series
B82496-A EPCOS-B82496-A Datasheet
57Kb / 4P
   SMT Inductors, SIMID Series
B82496-C EPCOS-B82496-C Datasheet
130Kb / 6P
   SMT Inductors, SIMID Series
B82494-A1100-K EPCOS-B82494-A1100-K Datasheet
62Kb / 5P
   SMT Inductors, SIMID Series
B82432C EPCOS-B82432C Datasheet
128Kb / 8P
   SIMID series, SIMID 1812-C
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com