Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7212H Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SAA7212H
Description  Integrated MPEG AVG decoder
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7212H Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SAA7212H Datasheet HTML 3Page - NXP Semiconductors SAA7212H Datasheet HTML 4Page - NXP Semiconductors SAA7212H Datasheet HTML 5Page - NXP Semiconductors SAA7212H Datasheet HTML 6Page - NXP Semiconductors SAA7212H Datasheet HTML 7Page - NXP Semiconductors SAA7212H Datasheet HTML 8Page - NXP Semiconductors SAA7212H Datasheet HTML 9Page - NXP Semiconductors SAA7212H Datasheet HTML 10Page - NXP Semiconductors SAA7212H Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1998 Sep 07
7
Philips Semiconductors
Preliminary specification
Integrated MPEG AVG decoder
SAA7212
ADDRESS 1
41
CPU address interface
ADDRESS 2
42
CPU address interface
ADDRESS 3
43
CPU address interface
ADDRESS 4
44
CPU address interface
VDD
45
3.3 V supply for pad ring
ADDRESS 5
46
CPU address interface
ADDRESS 6
47
CPU address interface
ADDRESS 7
48
CPU address interface
ADDRESS 8
49
CPU address interface
VSS
50
ground for pad ring
VSSCO
51
ground for core logic
VDDCO
52
3.3 V supply for core logic
SDRAM_DATA 0
53
SDRAM data
SDRAM_DATA 15
54
SDRAM data
SDRAM_DATA 1
55
SDRAM data
VDD
56
3.3 V supply for pad ring
SDRAM_DATA 14
57
SDRAM data
SDRAM_DATA 2
58
SDRAM data
SDRAM_DATA 13
59
SDRAM data
VSS
60
ground for pad ring
SDRAM_DATA 3
61
SDRAM data
SDRAM_DATA 12
62
SDRAM data
SDRAM_DATA 4
63
SDRAM data
VDD
64
3.3 V supply for pad ring
SDRAM_DATA 11
65
SDRAM data
SDRAM_DATA 5
66
SDRAM data
SDRAM_DATA 10
67
SDRAM data
VSS
68
ground for pad ring
SDRAM_DATA 6
69
SDRAM data
SDRAM_DATA 9
70
SDRAM data
SDRAM_DATA 7
71
SDRAM data
VDD
72
3.3 V supply for pad ring
SDRAM_DATA 8
73
SDRAM data
SDRAM_WE
74
SDRAM write enable
SDRAM_CAS
75
SDRAM column address strobe
VSS
76
ground for pad ring
SDRAM_RAS
77
SDRAM row address strobe
SDRAM_UDQ
78
SDRAM write mask
VDD
79
3.3 V supply for pad ring
READ_IN
80
read command in
READ_OUT
81
read command out
SYMBOL
PIN
DESCRIPTION


Similar Part No. - SAA7212H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7210 PHILIPS-SAA7210 Datasheet
331Kb / 22P
   Decoder for compact disc digital audio system
September 1985
SAA7214 PHILIPS-SAA7214 Datasheet
72Kb / 12P
   Transport MPEG2 source decoder
2001 Mar 28
SAA7215 PHILIPS-SAA7215 Datasheet
101Kb / 28P
   Integrated MPEG AVGD decoders
2000 Jan 31
SAA7215HS PHILIPS-SAA7215HS Datasheet
101Kb / 28P
   Integrated MPEG AVGD decoders
2000 Jan 31
SAA7215HS/C2 PHILIPS-SAA7215HS/C2 Datasheet
80Kb / 20P
   STB5860 Set-Top Box STB concept
1999 Aug 25
More results

Similar Description - SAA7212H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
   MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
NXP Semiconductors
SAA7201 PHILIPS-SAA7201 Datasheet
292Kb / 36P
   Integrated MPEG2 AVG decoder
1997 Jan 29
logo
Fujitsu Component Limit...
MB86H21 FUJITSU-MB86H21 Datasheet
191Kb / 3P
   MPEG-2 Decoder with Integrated NDS ICAM
logo
Sony Corporation
CXD1930Q SONY-CXD1930Q Datasheet
42Kb / 4P
   MPEG Video Decoder
logo
Sanyo Semicon Device
LC8230 SANYO-LC8230 Datasheet
138Kb / 7P
   MPEG Audio Decoder LSI
logo
NXP Semiconductors
SAA2500 PHILIPS-SAA2500 Datasheet
199Kb / 47P
   MPEG Audio Source Decoder
September 1994
logo
Sanyo Semicon Device
LC74201JE SANYO-LC74201JE Datasheet
301Kb / 21P
   Single Chip MPEG Decoder
logo
Fujitsu Component Limit...
MB86H23 FUJITSU-MB86H23 Datasheet
188Kb / 2P
   MPEG-2 Decoder with Macrovision
logo
LSI Computer Systems
L64111 LSI-L64111 Datasheet
3Mb / 76P
   MPEG AUDIO DECODER TECHNICAL MANUAL
logo
Cirrus Logic
CS92210 CIRRUS-CS92210 Datasheet
50Kb / 2P
   MPEG-2 VIDEO Encoder/Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com