Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ015YZ5MZ Datasheet(PDF) 4 Page - Sharp Corporation

Part # PQ015YZ5MZ
Description  Low Voltage Operation, Low Power-Loss Voltage Regulators (SC-63 Package)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ015YZ5MZ Datasheet(HTML) 4 Page - Sharp Corporation

  PQ015YZ5MZ Datasheet HTML 1Page - Sharp Corporation PQ015YZ5MZ Datasheet HTML 2Page - Sharp Corporation PQ015YZ5MZ Datasheet HTML 3Page - Sharp Corporation PQ015YZ5MZ Datasheet HTML 4Page - Sharp Corporation PQ015YZ5MZ Datasheet HTML 5Page - Sharp Corporation PQ015YZ5MZ Datasheet HTML 6Page - Sharp Corporation PQ015YZ5MZ Datasheet HTML 7Page - Sharp Corporation PQ015YZ5MZ Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Low Power-Loss Voltage Regulators
PQ015YZ5MZ Series/PQ015YZ01Z Series
Fig.14 Circuit Operating Current vs. Input Voltage
/Bias Supply Voltage (PQ015YZ5MZ)
Fig.15 Circuit Operating Current vs. Input Voltage
/Bias Supply Voltage (PQ015YZ01Z)
Fig.13 Output Voltage vs. Bias Supply
Voltage (PQ015YZ01Z)
Fig.11 Output Voltage vs. Input Voltage
(PQ015YZ01Z)
01234
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
Input voltage VIN (V)
VB=3.3V
R1=1k
R2=200
(On condition that VO=1.2V)
CIN=0.33
µF
CO=47
µF
IO=0A
IO=0.3A(RL=4
Ω)
IO=0.5A(RL=2.4
Ω)
01234
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
VB=3.3V
R1=1k
R2=200
(On condition that VO=1.2V)
CIN=0.33
µF
CO=47
µF
IO=0A
IO=0.5A(RL=2.4
Ω)
IO=1A(RL=1.2
Ω)
Input voltage VIN (V)
01
23
5
4
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.1
1.1
1.2
1.3
Bias supply voltage VB (V)
IO=0A
IO=0.3A(RL=4
Ω)
IO=0.5A(RL=2.4
Ω)
VIN=1.8V
R1=1k
R2=200
(On condition that VO=1.2V)
CIN=0.33
µF
CO=47
µF
Fig.12 Output Voltage vs. Bias Supply
Voltage (PQ015YZ5MZ)
01
23
5
4
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.1
1.1
1.2
1.3
Bias supply voltage VB (V)
IO=0A
=0.5A(RL=2.4
Ω)
IO=1A(RL=1.2
Ω)
VIN=1.8V
R1=1k
R2=200
(On condition that VO=1.2V)
CIN=0.33
µF
CO=47
µF
Fig.10 Output Voltage vs. Input Voltage
(PQ015YZ5MZ)
01
23
5
4
0
2
4
6
8
1
0
2
10
12
14
16
18
20
22
24
Input voltage/Bias supply voltage VIN/VB (V)
VB=3.3V
VC=2.7V
CIN=0.33
µF
CO=47
µF
R1=1k
R2=200
VIN=1.8V
VC=2.7V
CIN=0.33
µF
CO=47
µF
R1=1k
R2=200
IIN-VIN
IIN
IB-VB
IB
01
23
5
4
0
2
4
6
8
1
0
2
10
12
14
16
18
20
22
24
Input voltage/Bias supply voltage VIN/VB (V)
VB=3.3V
VC=2.7V
CIN=0.33
µF
CO=47
µF
R1=10k
R2=2k
VIN=1.8V
VC=2.7V
CIN=0.33
µF
CO=47
µF
R1=10k
R2=2k
IIN-VIN
IIN
IB-VB
IB


Similar Part No. - PQ015YZ5MZ

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
PQ015 PICO-PQ015 Datasheet
5Mb / 27P
   Ultra-compact PC oscilloscopes
2021
logo
Sharp Corporation
PQ015EF01SZH SHARP-PQ015EF01SZH Datasheet
177Kb / 6P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015EF02SZH SHARP-PQ015EF02SZH Datasheet
163Kb / 5P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015EH01ZPH SHARP-PQ015EH01ZPH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015EH01ZZH SHARP-PQ015EH01ZZH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
More results

Similar Description - PQ015YZ5MZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ5MZ SHARP-PQXXXEZ5MZ Datasheet
129Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXFZ5MZ SHARP-PQXXXFZ5MZ Datasheet
119Kb / 10P
   Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PQ070XZ5MZ SHARP-PQ070XZ5MZ Datasheet
89Kb / 8P
   SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com