Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7205H Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SAA7205H
Description  MPEG-2 systems demultiplexer
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7205H Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SAA7205H Datasheet HTML 2Page - NXP Semiconductors SAA7205H Datasheet HTML 3Page - NXP Semiconductors SAA7205H Datasheet HTML 4Page - NXP Semiconductors SAA7205H Datasheet HTML 5Page - NXP Semiconductors SAA7205H Datasheet HTML 6Page - NXP Semiconductors SAA7205H Datasheet HTML 7Page - NXP Semiconductors SAA7205H Datasheet HTML 8Page - NXP Semiconductors SAA7205H Datasheet HTML 9Page - NXP Semiconductors SAA7205H Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 84 page
background image
1997 Jan 21
6
Philips Semiconductors
Preliminary specification
MPEG-2 systems demultiplexer
SAA7205H
6
PINNING
SYMBOL
PIN
I/O
DESCRIPTION
VO7
1
I/O
data output bit 7 to video decoder (shared with microcontroller data)
VO6
2
I/O
data output bit 6 to video decoder (shared with microcontroller data)
VO5
3
I/O
data output bit 5 to video decoder (shared with microcontroller data)
VO4
4
I/O
data output bit 4 to video decoder (shared with microcontroller data)
VO3
5
I/O
data output bit 3 to video decoder (shared with microcontroller data)
VO2
6
I/O
data output bit 2 to video decoder (shared with microcontroller data)
VO1
7
I/O
data output bit 1 to video decoder (shared with microcontroller data)
VO0
8
I/O
data output bit 0 to video decoder (shared with microcontroller data)
VDDD1
9
supply
digital supply voltage 1 (+5 V)
AUDECLK
10
O
audio decoder clock output [equals CCLKI/M (programmable)]
AUE
11
O
audio data error indicator output (active LOW)
AUDAT
12
O
data output to audio decoder (elementary stream)
AUDATCLK
13
O
audio data clock output (frequency range 32 to 448 kHz; 9 Mbit/s)
AUDATV
14
O
audio data valid indicator output
AUDATR
15
I
audio data request input (active LOW)
VSSD1(core)
16
GND
digital ground 1 for core
GPV
17
I/O
valid data byte indicator input/output
GPST
18
I/O
byte strobe signal input/output (equals 9 MHz gated byte clock)
GPSYNC
19
I/O
packet sync byte indicator input/output
HSE
20
I/O
indicates erroneous HS data input/output
HSV
21
O
valid high speed data indicator
HSSYNC
22
O
indicates the first output byte of either a packet or payload
VDDD1(core)
23
supply
digital supply voltage 1 for core (+3.3 V)
GPO7
24
I/O
high speed byte output bit 7 for transport packets/general purpose byte output
(e.g. for SAA7201)/alternative transport stream input
GPO6
25
I/O
high speed byte output bit 6 for transport packets/general purpose byte output
(e.g. for SAA7201)/alternative transport stream input
GPO5
26
I/O
high speed byte output bit 5 for transport packets/general purpose byte output
(e.g. for SAA7201)/alternative transport stream input
GPO4
27
I/O
high speed byte output bit 4 for transport packets/general purpose byte output
(e.g. for SAA7201)/alternative transport stream input
GPO3
28
I/O
high speed byte output bit 3 for transport packets/general purpose byte output
(e.g. for SAA7201)/alternative transport stream input
GPO2
29
I/O
high speed byte output bit 2 for transport packets/general purpose byte output
(e.g. for SAA7201)/alternative transport stream input
GPO1
30
I/O
high speed byte output bit 1 for transport packets/general purpose byte output
(e.g. for SAA7201)/alternative transport stream input
GPO0
31
I/O
high speed byte output bit 0 for transport packets/general purpose byte output
(e.g. for SAA7201)/alternative transport stream input
VSSD1
32
GND
digital ground 1
PWMO
33
O
pulse width modulated VCO control signal output (local STC)


Similar Part No. - SAA7205H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7201 PHILIPS-SAA7201 Datasheet
292Kb / 36P
   Integrated MPEG2 AVG decoder
1997 Jan 29
SAA7201H PHILIPS-SAA7201H Datasheet
292Kb / 36P
   Integrated MPEG2 AVG decoder
1997 Jan 29
SAA7206 PHILIPS-SAA7206 Datasheet
193Kb / 52P
   DVB compliant descrambler
1996 Oct 09
SAA7206H PHILIPS-SAA7206H Datasheet
193Kb / 52P
   DVB compliant descrambler
1996 Oct 09
SAA7207H PHILIPS-SAA7207H Datasheet
98Kb / 20P
   Reed Solomon decoder IC
1996 Jul 17
More results

Similar Description - SAA7205H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
   MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
Synaptics Incorporated.
CX23416 CONEXANT-CX23416 Datasheet
837Kb / 2P
   MPEG-2 Encoder
logo
Sony Corporation
CXD1922Q SONY-CXD1922Q Datasheet
38Kb / 4P
   MPEG-2 Video Encoder
logo
Fujitsu Component Limit...
MB86H23 FUJITSU-MB86H23 Datasheet
188Kb / 2P
   MPEG-2 Decoder with Macrovision
logo
Cirrus Logic
CS92210 CIRRUS-CS92210 Datasheet
50Kb / 2P
   MPEG-2 VIDEO Encoder/Decoder
logo
NXP Semiconductors
SAA7240 PHILIPS-SAA7240 Datasheet
127Kb / 32P
   MPEG-2 Transport RISC processor
2001 Oct 22
SAA6752HS PHILIPS-SAA6752HS Datasheet
2Mb / 71P
   MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
2004 Jan 26
SAA6752HS PHILIPS-SAA6752HS Datasheet
2Mb / 71P
   MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
2004 Jan 26
logo
STMicroelectronics
STI3500A STMICROELECTRONICS-STI3500A Datasheet
7Mb / 72P
   MPEG-2/CCIR 601 VIDEO DECODER
logo
List of Unclassifed Man...
E5784 ETC2-E5784 Datasheet
94Kb / 3P
   Voyager MPEG-2 High Definitior DSNG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com