Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5SMCJ26CA Datasheet(PDF) 1 Page - Won-Top Electronics

Part # 1.5SMCJ26CA
Description  1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

1.5SMCJ26CA Datasheet(HTML) 1 Page - Won-Top Electronics

  1.5SMCJ26CA Datasheet HTML 1Page - Won-Top Electronics 1.5SMCJ26CA Datasheet HTML 2Page - Won-Top Electronics 1.5SMCJ26CA Datasheet HTML 3Page - Won-Top Electronics 1.5SMCJ26CA Datasheet HTML 4Page - Won-Top Electronics 1.5SMCJ26CA Datasheet HTML 5Page - Won-Top Electronics 1.5SMCJ26CA Datasheet HTML 6Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1.5SMCJ SERIES
1 of 6
© 2006 Won-Top Electronics
Pb
1.5SMCJ SERIES
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Features
!
Glass Passivated Die Construction
!
1500W Peak Pulse Power Dissipation
B
!
5.0V – 170V Standoff Voltage
!
Uni- and Bi-Directional Versions Available
D
!
Excellent Clamping Capability
A
!
Fast Response Time
F
!
Plastic Case Material has UL Flammability
Classification Rating 94V-O
C
H
G
                             E
Mechanical Data
!
Case: SMC/DO-214AB, Molded Plastic
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band Except Bi-Directional
!
Marking: Device Code
!
Weight: 0.21 grams (approx.)
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 6
“C” Suffix Designates Bi-directional Devices
“A” Suffix Designates 5% Tolerance Devices
No Suffix Designates 10% Tolerance Devices
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation 10/1000µS Waveform (Note 1, 2) Figure 3
PPPM
1500 Minimum
W
Peak Pulse Current on 10/1000µS Waveform (Note 1) Figure 4
IPPM
See Table 1
A
Peak Forward Surge Current 8.3ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method) (Note 2, 3)
IFSM
100
A
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Non-repetitive current pulse per Figure 4 and derated above TA = 25°C per Figure 1.
2. Mounted on 8.0mm2 copper pad to each terminal.
3. Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minutes maximum.
WTE
POWER SEMICONDUCTORS
SMC/DO-214AB
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.25
D
0.152
0.305
E
7.75
8.13
F
2.00
2.62
G
0.051
0.203
H
0.76
1.27
All Dimensions in mm


Similar Part No. - 1.5SMCJ26CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5SMCJ26CA PANJIT-1.5SMCJ26CA Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
logo
Won-Top Electronics
1.5SMCJ26CA WTE-1.5SMCJ26CA Datasheet
64Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Weitron Technology
1.5SMCJ26CA WEITRON-1.5SMCJ26CA Datasheet
2Mb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diotec Semiconductor
1.5SMCJ26CA DIOTEC-1.5SMCJ26CA Datasheet
154Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
More results

Similar Description - 1.5SMCJ26CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5SMCJ WEITRON-1.5SMCJ Datasheet
2Mb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ12AT DIODES-SMCJ12AT Datasheet
49Kb / 1P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30150 Rev. B-5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com