Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ1M335M2SPQ Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ1M335M2SPQ
Description  Compact Surface Mount Type Low Power-Loss Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1M335M2SPQ Datasheet(HTML) 2 Page - Sharp Corporation

  PQ1M335M2SPQ Datasheet HTML 1Page - Sharp Corporation PQ1M335M2SPQ Datasheet HTML 2Page - Sharp Corporation PQ1M335M2SPQ Datasheet HTML 3Page - Sharp Corporation PQ1M335M2SPQ Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Sheet No.: OP06037
Electrical Characteristics
V
dB
Parameter
Output voltage
Load regulation
Line regulation
Ripple rejection
ON-state voltage for control
ON-state current for control
-
Symbol
Conditions
MIN.
MAX.
Unit
20
-
65
RR
-
-
Quiescent current
Output OFF-state dissipation current
Refer to the table below.
6
-
mV/°C
-
0.4
-
-
OFF-state voltage for control
20
70
PQ1M255M2SPQ
PQ1M335M2SPQ
3.234
PQ1M185M2SPQ
2.440
4.900
V
Symbol
MIN.
TYP.
MAX.
Unit
Model No.
TYP.
3.0
0.1
-
-
-
0.7
-
-
V
1
-
Conditions
PQ1Mxx5M2SPQ Series
200
-
60
4
Output noise voltage
40
-
Dropout voltage
5
1.8
-
μA
V
-
V
μA
--
0.6
4 Excluding PQ1M155M2SPQ,PQ1M185M2SPQ
5 Dropout voltage when output voltage lowers 0.1V from the voltage at VIN=VO+1V.
-
3.3
2.5
5.0
3.366
2.560
5.100
(Unless otherwise specified, VIN=3.0V,IO=30mA,VC=1.8V,Ta=25°C(PQ1M155M2SPQ,PQ1M185M2SPQ))
(Unless otherwise specified, VIN=VO(TYP.)+1.0V,IO=30mA,VC=1.8V,Ta=25°C(PQ1M255M2SPQ,PQ1M335M2SPQ,PQ1M505M2SPQ))
VO
RegL
IO=5mA to 500mA
mV
PQ1M185M2SPQ
PQ1M255,335,505M2SPQ
RegI
VIN=VO(TYP.)+1V to VO(TYP.)+6V(MAX9V)
VIN=3.0V to 7.8V
mV
TCVO
IO=10mA,Tj=-25 to +75°C
Refer to Fig.2
Vno(rms)
PQ1M155,185M2SPQ
PQ1M335M2SPQ
10kHz<f<100kHz,Cn=0.1μF,IO=30mA
10kHz<f<100kHz,Cn=0.1μF,IO=30mA
-
30
-
μV
Vi-o
IO=500mA
VC(ON)
IC(ON)
VC=1.8V
VC(OFF)
Iq
IO=0mA
1
Iqs
VC=0.2V
mA
6 In case of opening control terminal ③,output voltage turns off.
VO
PQ1M505M2SPQ
1.74
1.8
1.86
VIN=3.0V,IO=30mA,VC=1.8V,Ta=25°C(PQ1M155M2SPQ,PQ1M185M2SPQ)
VIN=VO(TYP.)+1.0V,IO=30mA,VC=1.8V,Ta=25°C(PQ1M255M2SPQ,PQ1M335M2SPQ,PQ1M505M2SPQ)
A
A
A
Io
V
4
2
3
5
1
Vo
Vc
1μF
Iq,Iqs
Vin
IC(ON)
0.01μF
1μF
RL
Fig.1 Test Circuit
~
ei
eo
V
~
+
4
2
3
5
1
Vin
1μF
Vc
0.1μF
1μF
RL
f=400 Hz(sine wave)
ei(rms)=100 mV
Vin=Vo(TYP)+1.0V
Vc=1.8V,Io=30mA
RR=20log(ei(rms)/eo(rms))
Fig.2 Test Circuit for Ripple Rejection
Table.1 Output Voltage
Temperature coefficient of output voltage
PQ1M155M2SPQ
VIN=3.0V to 7.5V
0.4
1.44
1.5
1.56
PQ1M155M2SPQ


Similar Part No. - PQ1M335M2SPQ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1MX55M2SPQ SHARP-PQ1MX55M2SPQ Datasheet
150Kb / 5P
   Compact surface mount package (4.5x4.3x1.5mm)
More results

Similar Description - PQ1M335M2SPQ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1LA153MSPQ SHARP-PQ1LA153MSPQ Datasheet
133Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WNA1ZPH SHARP-PQ200WNA1ZPH Datasheet
146Kb / 5P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1KAXX3MZPH SHARP-PQ1KAXX3MZPH Datasheet
138Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LAX95MSPQ SHARP-PQ1LAX95MSPQ Datasheet
145Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQXXXDNA1ZPH SHARP-PQXXXDNA1ZPH Datasheet
172Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LAXX3MSPQ SHARP-PQ1LAXX3MSPQ Datasheet
136Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQXXXEZ5MZXH SHARP-PQXXXEZ5MZXH Datasheet
262Kb / 10P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXEN01ZPH SHARP-PQXXXEN01ZPH Datasheet
188Kb / 8P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN01ZPH SHARP-PQXXXGN01ZPH Datasheet
191Kb / 9P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com