Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7197T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAA7197T
Description  Clock Generator Circuit for desktop video systems CGC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7197T Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA7197T Datasheet HTML 1Page - NXP Semiconductors SAA7197T Datasheet HTML 2Page - NXP Semiconductors SAA7197T Datasheet HTML 3Page - NXP Semiconductors SAA7197T Datasheet HTML 4Page - NXP Semiconductors SAA7197T Datasheet HTML 5Page - NXP Semiconductors SAA7197T Datasheet HTML 6Page - NXP Semiconductors SAA7197T Datasheet HTML 7Page - NXP Semiconductors SAA7197T Datasheet HTML 8Page - NXP Semiconductors SAA7197T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
August 1996
2
Philips Semiconductors
Product specification
Clock Generator Circuit for desktop video systems (CGC)
SAA7197
FEATURES
• Suitable for Desktop Video systems
• Two different sync sources selectable
• PLL frequency multiplier to generate 4 times of input
frequency
• Dividers to generate clocks LLCA, LLCB, LLC2A and
LLC2B (2nd and 4th multiples of input frequency)
• PLL mode or VCO mode selectable
• Reset control and power fail detection
GENERAL DESCRIPTION
The SAA7197 generates all clock signals required for a
digital TV system suitable for the SAA719x family. The
circuit operates in either the phase-locked loop mode
(PLL) or voltage controlled oscillator mode (VCO).
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDDA
analog supply voltage (pin 5)
4.5
5.0
5.5
V
VDDD
digital supply voltage (pins 8, 17)
4.5
5.0
5.5
V
IDDA
analog supply current
3
9mA
IDDD
digital supply current
10
60
mA
VLFCO
LFCO input voltage (peak-to-peak value)
1
VDDA
V
fi
input frequency range
5.5
8.0
MHz
VI
input voltage LOW
0
0.8
V
input voltage HIGH
2.0
VDDD
V
VO
output voltage LOW
0
0.6
V
output voltage HIGH
2.6
VDDD
V
Tamb
operating ambient temperature range
0
70
°C
EXTENDED TYPE
NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
SAA7197P
20
DIP
plastic
SOT146-1
SAA7197T
20
SO
plastic
SOT163-1


Similar Part No. - SAA7197T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7191B PHILIPS-SAA7191B Datasheet
199Kb / 40P
   Digital Multistandard Colour Decoder, Square Pixel DMSD-SQP
August 1996
SAA7196 PHILIPS-SAA7196 Datasheet
302Kb / 76P
   Digital video decoder, Scaler and Clock generator circuit DESCPro
1996 Nov 04
SAA7196H PHILIPS-SAA7196H Datasheet
302Kb / 76P
   Digital video decoder, Scaler and Clock generator circuit DESCPro
1996 Nov 04
SAA7199 PHILIPS-SAA7199 Datasheet
188Kb / 40P
   Digital Video Encoder DENC GENLOCK-capable
1996 Sep 27
SAA7199B PHILIPS-SAA7199B Datasheet
188Kb / 40P
   Digital Video Encoder DENC GENLOCK-capable
1996 Sep 27
More results

Similar Description - SAA7197T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA9057B ETC1-SAA9057B Datasheet
317Kb / 7P
   CLOCK SIGNAL GENERATOR CIRCUIT FOR DIGITAL TV SYSTEMS(CGC)
SAA9057A ETC1-SAA9057A Datasheet
301Kb / 6P
   CLOCK SIGNAL GENERATOR CIRCUIT FOR DIGITAL TV SYSTEMS(CGC)
logo
Integrated Device Techn...
IDTCV119E IDT-IDTCV119E Datasheet
111Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
logo
Toshiba Semiconductor
TMPZ84C61AP-6 TOSHIBA-TMPZ84C61AP-6 Datasheet
440Kb / 23P
   TLCS-Z80 CGC : Z80 CLOCK GENERATOR/CONTROLLER
logo
Integrated Device Techn...
IDTCV107E IDT-IDTCV107E Datasheet
96Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV109E IDT-IDTCV109E Datasheet
104Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
logo
Renesas Technology Corp
IDTCV119E RENESAS-IDTCV119E Datasheet
277Kb / 22P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
JANUARY 2004
IDTCV105E RENESAS-IDTCV105E Datasheet
277Kb / 22P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
JANUARY 2004
9FGS9093 RENESAS-9FGS9093 Datasheet
650Kb / 13P
   Clock Generator for P9 Systems
Mar 29, 2022
logo
Integrated Device Techn...
IDTCV104B IDT-IDTCV104B Datasheet
95Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com