Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7196H Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SAA7196H
Description  Digital video decoder, Scaler and Clock generator circuit DESCPro
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7196H Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SAA7196H Datasheet HTML 5Page - NXP Semiconductors SAA7196H Datasheet HTML 6Page - NXP Semiconductors SAA7196H Datasheet HTML 7Page - NXP Semiconductors SAA7196H Datasheet HTML 8Page - NXP Semiconductors SAA7196H Datasheet HTML 9Page - NXP Semiconductors SAA7196H Datasheet HTML 10Page - NXP Semiconductors SAA7196H Datasheet HTML 11Page - NXP Semiconductors SAA7196H Datasheet HTML 12Page - NXP Semiconductors SAA7196H Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
1996 Nov 04
9
Philips Semiconductors
Product specification
Digital video decoder, Scaler and Clock
generator circuit (DESCPro)
SAA7196
VRO19
71
O
32-bit VRAM output port (bit 19)
VRO18
72
O
32-bit VRAM output port (bit 18)
VRO17
73
O
32-bit VRAM output port (bit 17)
VRO16
74
O
32-bit VRAM output port (bit 16)
VSSD5
75
digital ground 5 (0 V)
i.c.
76
internally connected
VDDD5
77
+5 V digital supply voltage 5
VRO15
78
O
32-bit VRAM output port (bit 15)
VRO14
79
O
32-bit VRAM output port (bit 14)
VRO13
80
O
32-bit VRAM output port (bit 13)
VRO12
81
O
32-bit VRAM output port (bit 12)
VRO11
82
O
32-bit VRAM output port (bit 11)
VRO10
83
O
32-bit VRAM output port (bit 10)
VRO9
84
O
32-bit VRAM output port (bit 9)
VRO8
85
O
32-bit VRAM output port (bit 8)
VRO7
86
O
32-bit VRAM output port (bit 7)
VRO6
87
O
32-bit VRAM output port (bit 6)
VRO5
88
O
32-bit VRAM output port (bit 5)
VRO4
89
O
32-bit VRAM output port (bit 4)
VRO3
90
O
32-bit VRAM output port (bit 3)
VDDD6
91
+5 V digital supply voltage 6
VRO2
92
O
32-bit VRAM output port (bit 2)
VRO1
93
O
32-bit VRAM output port (bit 1)
VRO0
94
O
32-bit VRAM output port (bit 0)
DIR
95
I
direction control of expansion bus
YUV15
96
I/O
digital 16-bit video input/output signal (bit 15); luminance (Y)
YUV14
97
I/O
digital 16-bit video input/output signal (bit 14); luminance (Y)
YUV13
98
I/O
digital 16-bit video input/output signal (bit 13); luminance (Y)
YUV12
99
I/O
digital 16-bit video input/output signal (bit 12); luminance (Y)
YUV11
100
I/O
digital 16-bit video input/output signal (bit 11); luminance (Y)
YUV10
101
I/O
digital 16-bit video input/output signal (bit 10); luminance (Y)
YUV9
102
I/O
digital 16-bit video input/output signal (bit 9); luminance (Y)
YUV8
103
I/O
digital 16-bit video input/output signal (bit 8); luminance (Y)
VSSD6
104
digital ground 6 (0 V)
i.c.
105
internally connected
VDDD7
106
+5 V digital supply voltage 7
YUV7
107
I/O
digital 16-bit video input/output signal (bit 7); colour difference signals (UV)
YUV6
108
I/O
digital 16-bit video input/output signal (bit 6); colour difference signals (UV)
YUV5
109
I/O
digital 16-bit video input/output signal (bit 5); colour difference signals (UV)
YUV4
110
I/O
digital 16-bit video input/output signal (bit 4); colour difference signals (UV)
YUV3
111
I/O
digital 16-bit video input/output signal (bit 3); colour difference signals (UV)
SYMBOL
PIN
STATUS
DESCRIPTION


Similar Part No. - SAA7196H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7191B PHILIPS-SAA7191B Datasheet
199Kb / 40P
   Digital Multistandard Colour Decoder, Square Pixel DMSD-SQP
August 1996
SAA7197 PHILIPS-SAA7197 Datasheet
107Kb / 16P
   Clock Generator Circuit for desktop video systems CGC
August 1996
SAA7197P PHILIPS-SAA7197P Datasheet
107Kb / 16P
   Clock Generator Circuit for desktop video systems CGC
August 1996
SAA7197T PHILIPS-SAA7197T Datasheet
107Kb / 16P
   Clock Generator Circuit for desktop video systems CGC
August 1996
SAA7199 PHILIPS-SAA7199 Datasheet
188Kb / 40P
   Digital Video Encoder DENC GENLOCK-capable
1996 Sep 27
More results

Similar Description - SAA7196H

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0127B SAMSUNG-KS0127B Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
S5D0127X01 SAMSUNG-S5D0127X01 Datasheet
1Mb / 96P
   MULTISTANDARD VIDEO DECODER/SCALER
S5D2650 SAMSUNG-S5D2650 Datasheet
1Mb / 95P
   MULTISTANDARD VIDEO DECODER/SCALER
logo
NXP Semiconductors
SAA7186 PHILIPS-SAA7186 Datasheet
223Kb / 44P
   Digital video scaler
May 1993
logo
List of Unclassifed Man...
FS6011-02 ETC-FS6011-02 Datasheet
234Kb / 15P
   DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC
logo
NXP Semiconductors
SAA7197 PHILIPS-SAA7197 Datasheet
107Kb / 16P
   Clock Generator Circuit for desktop video systems CGC
August 1996
logo
List of Unclassifed Man...
TW9903 ETC-TW9903 Datasheet
630Kb / 74P
   TW9903-Multi-standard Video Decoder With High Quality Down Scaler
logo
Asahi Kasei Microsystem...
AK8850 AKM-AK8850 Datasheet
1Mb / 99P
   NTSC Digital Video Decoder
logo
National Semiconductor ...
CLC011 NSC-CLC011 Datasheet
1Mb / 8P
   Serial Digital Video Decoder
CLC011 NSC-CLC011_02 Datasheet
376Kb / 8P
   Serial Digital Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com