Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2E51Y Datasheet(PDF) 7 Page - Sharp Corporation

Part # IR2E51Y
Description  Auto-Brightness Control LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IR2E51Y Datasheet(HTML) 7 Page - Sharp Corporation

Back Button IR2E51Y Datasheet HTML 3Page - Sharp Corporation IR2E51Y Datasheet HTML 4Page - Sharp Corporation IR2E51Y Datasheet HTML 5Page - Sharp Corporation IR2E51Y Datasheet HTML 6Page - Sharp Corporation IR2E51Y Datasheet HTML 7Page - Sharp Corporation IR2E51Y Datasheet HTML 8Page - Sharp Corporation IR2E51Y Datasheet HTML 9Page - Sharp Corporation IR2E51Y Datasheet HTML 10Page - Sharp Corporation IR2E51Y Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
■Electric Characteristics
IR2E51Y
Sheet No.: F1-A00101EN
Parameter
Stand-by supply current
VIN Supply current
VCC Supply current
VDD Supply current
ISS1
IIN1
Symbol
IIN2
ICC1
IVDD1
Unit
See the Block Diagram unless otherwise specified.
VIN=3.6V, VCC=2.5V, VDD=1.8V, Ta=25°C, RIREF=13kΩ, RIREF_PD=15kΩ
The current direction is regarded positive when entering the IC and negative when exiting.
Measurement condition
MIN.
TYP.
MAX.
Current consumption
Parameter
IREF Pin voltage
IREF_PD Pin voltage
VREF
VREF_PD
Symbol
Unit
Measurement condition
MIN.
TYP.
MAX.
Voltage reference circuit
XSTB="0"
VIN=4.2V,CPO output: 1x mode
CPO output: No load current
VIN=3V, CPO output: 1.5x mode
CPO output: No load current
VCC=2.5V(IPD no input current)
VCC=1.8V
-
-
-
-
-
0
0.17
3.0
0.7
0
3
0.32
5.0
1.5
3
μA
mA
mA
mA
μA
Parameter
Illuminance output data (8bit)
(Offset adjustment=00H)
(Slope adjustment=00H)
RIREF_PD=15kΩ
Illuminance offset
adjustment sensitivity
(Offset adjustment
for sensor dispersion)
Slope adjustment=00H
RIREF_PD=15kΩ
Illuminance slope
adjustment sensitivity
(Slope adjustment
for sensor dispersion)
Offset adjustment=00H
RIREF_PD=15kΩ
Dout_PD0
Dout_PD1
Symbol
Dout_PD2
Dout_PD3
Dout_PD4
Unit
Measurement condition
MIN.
TYP.
MAX.
Ambient light sensor interface circuit
RIREF=13kΩ
RIREF_PD=15kΩ
480
480
mV
mV
Dout_PD5
D_OFSET0
D_OFSET+1
D_OFSET+7
D_OFSET-1
D_OFSET-8
D_GAIN0
D_GAIN+1
D_GAIN+7
D_GAIN-1
D_GAIN-8
PD pin current=0μA(open)
PD pin current=10μA
PD pin current=20μA
PD pin current=30μA
PD pin current=40μA
PD pin current=50μA
Offset adjustment: 00H
Offset adjustment:01H
Offset adjustment:07H
Offset adjustment:0FH
Offset adjustment:08H
Offset adjustment:00H
Offset adjustment:01H
Offset adjustment:07H
Offset adjustment:0FH
Offset adjustment:08H
00H
34H
64H
94H
C8H
F8H
0
+8
+56
-8
-64
0
+3.13
+21.90
-3.13
-25.04
LSB
LSB
LSB
LSB
LSB
%
%
%
%
%


Similar Part No. - IR2E51Y

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IR2E01 SHARP-IR2E01 Datasheet
87Kb / 1P
   LED/LCD Level Meter Drivers
logo
List of Unclassifed Man...
IR2E01 ETC-IR2E01 Datasheet
81Kb / 3P
   LED for Bar Graphic Display
logo
Sharp Corporation
IR2E02 SHARP-IR2E02 Datasheet
87Kb / 1P
   LED/LCD Level Meter Drivers
logo
List of Unclassifed Man...
IR2E02 ETC-IR2E02 Datasheet
81Kb / 3P
   LED for Bar Graphic Display
IR2E03 ETC1-IR2E03 Datasheet
18Kb / 1P
   16-DOT LED DISPLAY DRIVER
More results

Similar Description - IR2E51Y

ManufacturerPart #DatasheetDescription
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
National Semiconductor ...
LM27964 NSC-LM27964 Datasheet
754Kb / 13P
   White LED Driver System with I2C Compatible Brightness Control
LM27964 NSC-LM27964_07 Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
logo
Bruckewell Technology L...
BW9910 BWTECH-BW9910 Datasheet
1Mb / 14P
   High Brightness LED Driver
logo
Princeton Technology Co...
PT6903 PTC-PT6903 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6903 PTC-PT6903_10 Datasheet
233Kb / 4P
   High Brightness LED Driver
PT6905 PTC-PT6905 Datasheet
358Kb / 4P
   High Brightness LED Driver
logo
National Semiconductor ...
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
logo
Texas Instruments
TPS75103 TI1-TPS75103 Datasheet
588Kb / 19P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com