Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR1J Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR1J
Description  1.0 AMPS 200 - 1200 VOLTS 50 - 80 nsec ULTRA FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR1J Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR1J Datasheet HTML 1Page - Solid States Devices, Inc SDR1J Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS 3/
CHARACTERISTICS
SYMBOL VALUE
UNIT
Instantaneous Forward Voltage Drop
(IF = 1Adc, 300- 500 μs Pulse, TA = 25°C)
SDR1D thru SDR1J
SDR1K thru SDR1N
VF1
1.70
1.90
Vdc
Instantaneous Forward Voltage Drop
(IF = 1Adc, 300- 500 μs Pulse, TA = -55°C)
SDR1D thru SDR1J
SDR1K thru SDR1N
VF2
2.10
2.30
Vdc
Maximum Reverse Leakage Current
(Rated VR, 300 μs Pulse Minimum , TA = 25°C)
IR1
5
μA
Maximum Reverse Leakage Current
(Rated VR, 300 μs Pulse Minimum , TA = 100°C)
IR2
500
μA
Junction Capacitance
(VR = 10Vdc, TA = 25°C , f = 1MHz)
CJ
24
pf
Maximum Reverse Recovery Time 4/
SDR1D thru SDR1J
SDR1K
SDR1M
SDR1N
trr
50
60
70
80
ns
DIMENSIONS
DIM.
MIN.
MAX.
A
---
.150”
B
---
.190”
C
.027”
.033”
Axial Leaded Case Outline 5/:
D
.95”
---
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
4/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp, IRR to .25 Amp.
2/ Screened to MIL-PRF-19500.
5/ For information on operating curves, contact factory.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR1D
thru
SDR1N
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0005F
DOC


Similar Part No. - SDR1J

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR1J SSDI-SDR1J Datasheet
125Kb / 2P
   1 AMP ULTRA FAST RECOVERY RECTIFIER 50-1200 VOLTS
SDR1J SSDI-SDR1J Datasheet
152Kb / 2P
   ULTRA FAST RECTIFIER
SDR1JHF SSDI-SDR1JHF Datasheet
72Kb / 2P
   1 AMP 50 - 1200 V 35 nsec Hyper Fast Rectifier
SDR1JHF SSDI-SDR1JHF Datasheet
159Kb / 2P
   1AMPS, 50thru 1200VOLTS 35nsec Hyper Fast Recovery Rectifier
SDR1JHF SSDI-SDR1JHF Datasheet
108Kb / 2P
   Hyper Fast Recovery Rectifier
More results

Similar Description - SDR1J

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR3A SSDI-SDR3A Datasheet
149Kb / 2P
   3.0 AMPS 50 - 1200 VOLTS 50 - 80 nsec ULTRA FAST RECTIFIER
SDR1ASM SSDI-SDR1ASM Datasheet
161Kb / 2P
   1.0 AMPS 50 - 1000 VOLTS 50 - 70 nsec ULTRA FAST RECTIFIER
SDR998N SSDI-SDR998N Datasheet
49Kb / 2P
   50 AMP 800 -1200 Volts 80 nsec Ultra Fast Recovery Rectifier
SDR4GSMS SSDI-SDR4GSMS Datasheet
217Kb / 2P
   3 AMP 400-1200 VOLTS 50-80 nsec ULTRA FAST RECTIFIER
SRS1D SSDI-SRS1D Datasheet
191Kb / 2P
   1 AMP 200-1200 VOLTS 50-65 nsec ULTRA FAST RECTIFIER
SDR680 SSDI-SDR680 Datasheet
213Kb / 2P
   80 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR1510JUF SSDI-SDR1510JUF Datasheet
47Kb / 2P
   15 AMPS 1000 - 1200 VOLTS 75 nsec ULTRA FAST RECTIFIER
SDR1-12 SSDI-SDR1-12 Datasheet
214Kb / 2P
   1.0 AMP 1200 - 1600 VOLTS 70 nsec ULTRA FAST RECTIFIER
SDR936M SSDI-SDR936M Datasheet
42Kb / 2P
   30 AMPS 600 - 900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR705 SSDI-SDR705 Datasheet
201Kb / 2P
   70 AMP 50-200 VOLTS 50 nsec ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com