Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SAA7196 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. SAA7196
Description  Digital video decoder, Scaler and Clock generator circuit DESCPro
Download  76 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 4 page
background image
1996 Nov 04
4
Philips Semiconductors
Product specification
Digital video decoder, Scaler and Clock
generator circuit (DESCPro)
SAA7196
The circuit is I2C-bus controlled. The I2C-bus interface is
clocked by LLC to ensure proper control.
The I2C-bus control is identical to that of the SAA7194.
It is divided into two sections:
• Subaddress 00H to 1FH for the decoder part
(Tables 16 and 17)
• Subaddress 20H to 3FH for the scaler part
(Tables 29 and 30).
The programming of the subaddresses for the scaler part
becomes effective at the first Vertical Sync (VS) pulse after
a transmission.
3
QUICK REFERENCE DATA
Measured over full voltage and temperature ranges.
4
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
4.5
5
5.5
V
IDD(tot)
total supply current
180
280
mA
VI
data input level
TTL-compatible
VO
data output level
TTL-compatible
fBCK
input clock frequency
−−
32
MHz
Tamb
operating ambient temperature
0
70
°C
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
SAA7196H
QFP120
plastic quad flat package; 120 leads (lead length 1.95 mm);
body 28
× 28 × 3.4 mm; high stand-of height
SOT349-1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SAA7114PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter VBI data slicer and high performance scaler 1 2 3 4 5 MoreNXP Semiconductors
SAA7327Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II 1 2 3 4 5 MoreNXP Semiconductors
FS6011-02DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SAA7115PAL/NTSC/SECAM Video Decoder with Adaptive PAL/NTSC Comb Filter High Performance Scaler I2C Sliced Data Readback and SQ PIXEL OUTPUT 1 2 3 4 5 MoreNXP Semiconductors
STV8247Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders 1 2 3 4 5 MoreSTMicroelectronics
SAA9057ACLOCK SIGNAL GENERATOR CIRCUIT FOR DIGITAL TV SYSTEMS CGC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SAA7157Clock signal generator circuit for digital TV systems SCGC 1 2 3 4 5 MoreNXP Semiconductors
SAA9057BCLOCK SIGNAL GENERATOR CIRCUIT FOR DIGITAL TV SYSTEMS CGC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SAA7197Clock Generator Circuit for desktop video systems CGC 1 2 3 4 5 MoreNXP Semiconductors
QAMI5516Single module demodulator and decoder IC for digital video set-top boxes 1 2 STMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl