Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SAA7196 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. SAA7196
Description  Digital video decoder, Scaler and Clock generator circuit DESCPro
Download  76 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 2 page
background image
1996 Nov 04
2
Philips Semiconductors
Product specification
Digital video decoder, Scaler and Clock
generator circuit (DESCPro)
SAA7196
CONTENTS
1
FEATURES
2
GENERAL DESCRIPTION
3
QUICK REFERENCE DATA
4
ORDERING INFORMATION
5
BLOCK DIAGRAM
6
PINNING
7
FUNCTIONAL DESCRIPTION
7.1
Decoder part
7.1.1
Chrominance processor
7.1.2
Luminance processor
7.1.3
Synchronization
7.2
Expansion port (see Fig.2)
7.3
Monitor controls BCS (see Fig.2)
7.3.1
Brightness and contrast controls; see
Tables 1 and 2
7.3.2
Saturation control; see Table 3
7.3.3
RTCO output pin 44 (see Fig.11)
7.3.4
RTS1 and RTS0 outputs (pins 34 and 35)
7.4
Scaler part
7.4.1
Decimation filters
7.4.2
Vertical processing (VPU_Y)
7.4.3
RGB matrix
7.4.3.1
Anti-gamma ROM tables
7.4.4
Chrominance signal keyer
7.4.5
Scale control and vertical regions
7.4.5.1
Vertical bypass region
7.4.5.2
Vertical scaling region
7.4.5.3
Vertical regions (see Fig.12)
7.4.6
Output data representation and levels
7.4.7
Output FIFO register and VRAM port
7.4.8
VRAM port transfer procedures
7.4.9
Data burst transfer mode
7.4.10
Transparent data transfer mode
7.4.10.1
Interlaced processing
(OF bits, subaddress 20)
7.4.10.2
INCADR timing
7.4.10.3
Monochrome format (see Table 10)
7.4.10.4
VRAM port specifications
7.4.11
Field processing
7.4.12
Operation cycle
7.5
Power-on reset
8
PROGRAMMING MODEL
8.1
I2C-bus format
8.2
I2C-bus status information
8.3
Decoder part
8.4
Scaler part
9
LIMITING VALUES
10
CHARACTERISTICS
11
PROCESSING DELAYS
12
APPLICATION INFORMATION
12.1
Programming example
13
PACKAGE OUTLINE
14
SOLDERING
14.1
Introduction
14.2
Reflow soldering
14.3
Wave soldering
14.4
Repairing soldered joints
15
DEFINITIONS
16
LIFE SUPPORT APPLICATIONS
17
PURCHASE OF PHILIPS I2C COMPONENTS




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SAA7114PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter VBI data slicer and high performance scaler 1 2 3 4 5 MoreNXP Semiconductors
SAA7327Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II 1 2 3 4 5 MoreNXP Semiconductors
FS6011-02DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SAA7115PAL/NTSC/SECAM Video Decoder with Adaptive PAL/NTSC Comb Filter High Performance Scaler I2C Sliced Data Readback and SQ PIXEL OUTPUT 1 2 3 4 5 MoreNXP Semiconductors
STV8247Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders 1 2 3 4 5 MoreSTMicroelectronics
SAA9057ACLOCK SIGNAL GENERATOR CIRCUIT FOR DIGITAL TV SYSTEMS CGC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SAA7157Clock signal generator circuit for digital TV systems SCGC 1 2 3 4 5 MoreNXP Semiconductors
SAA9057BCLOCK SIGNAL GENERATOR CIRCUIT FOR DIGITAL TV SYSTEMS CGC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SAA7197Clock Generator Circuit for desktop video systems CGC 1 2 3 4 5 MoreNXP Semiconductors
QAMI5516Single module demodulator and decoder IC for digital video set-top boxes 1 2 STMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl