Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SED75KE45 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SED75KE45
Description  75 AMP 45 VOLTS SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SED75KE45 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SED75KE45 Datasheet HTML 1Page - Solid States Devices, Inc SED75KE45 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
20
40
60
80
100
0
50
100
150
200
SOLID STATE DEVICES, INC.
CASE OUTLINE:
P/N SED75KB45
Electrical Characteristics
SYMBOL
UNITS
VALUE
SED75KB45
SED75KE45
CASE OUTLINE:
P/N SED75KE45
pF
Junction Capacitance
(VR = 5VDC, TA = 25
oC, f = 1MHz)
2600
CJ
Reverse Leakage Current
(Rated VR , 300 µsec pulse minimum)
5.0
300
mA
IR1
IR2
VF3
VDC
0.60
Instantaneous Forward Voltage Drop
(IF = 50ADC, TA =+125
oC, 300
µs Pulse)
Instantaneous Forward Voltage Drop
(TA = 25
oC, 300
µs Pulse)
VDC
0.63
0.65
VF1
VF2
TYPICAL OPERATING CURVES
(TA = 25
oC unless otherwise specified)
100oC
CASE TEMPERATURE (oC)
IF = 50ADC
IF = 75ADC
TA = 25
oC
TA = 125
oC
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com


Similar Part No. - SED75KE45

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED75KE30 SSDI-SED75KE30 Datasheet
57Kb / 2P
   75 AMP 30 VOLTS SCHOTTKY RECTIFIER
More results

Similar Description - SED75KE45

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR4045 SSDI-SSR4045 Datasheet
209Kb / 2P
   40 AMP 45 VOLTS SCHOTTKY RECTIFIER
SED10HB45 SSDI-SED10HB45 Datasheet
42Kb / 2P
   10 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645G SSDI-SSR1645G Datasheet
198Kb / 2P
   20 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR4045M SSDI-SSR4045M Datasheet
210Kb / 2P
   40 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645-59 SSDI-SSR1645-59 Datasheet
208Kb / 2P
   20 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645Z SSDI-SSR1645Z Datasheet
207Kb / 2P
   20 AMP 45 VOLTS SCHOTTKY RECTIFIER
logo
Microsemi Corporation
PPR1510E MICROSEMI-PPR1510E Datasheet
169Kb / 2P
   45 VOLTS, 10 AMP SCHOTTKY RECTIFIER
logo
Solid States Devices, I...
SSR1645-28 SSDI-SSR1645-28 Datasheet
213Kb / 2P
   15 AMP 45 VOLTS SCHOTTKY RECTIFIER
SSR1645J SSDI-SSR1645J Datasheet
201Kb / 2P
   15 AMP 45 VOLTS SCHOTTKY RECTIFIER
SED150LB45 SSDI-SED150LB45 Datasheet
200Kb / 2P
   150 AMP 45 VOLTS SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com