Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7151B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SAA7151B
Description  Digital multistandard colour decoder with SCART interface DMSD2-SCART
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7151B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SAA7151B Datasheet HTML 5Page - NXP Semiconductors SAA7151B Datasheet HTML 6Page - NXP Semiconductors SAA7151B Datasheet HTML 7Page - NXP Semiconductors SAA7151B Datasheet HTML 8Page - NXP Semiconductors SAA7151B Datasheet HTML 9Page - NXP Semiconductors SAA7151B Datasheet HTML 10Page - NXP Semiconductors SAA7151B Datasheet HTML 11Page - NXP Semiconductors SAA7151B Datasheet HTML 12Page - NXP Semiconductors SAA7151B Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
April 1993
9
Philips Semiconductors
Product specification
Digital multistandard colour decoder with
SCART interface (DMSD2-SCART)
SAA7151B
Luminance processing
The luminance input signal, a digital CVBS format or an
8-bit luminance format (S-Video), is fed through a sample
rate converter to reduce the data rate to 13.5 MHz (Fig.5).
Sample rate is converted by means of a switchable
pre-filter. High frequency components are emphasized to
compensate for loss in the following chrominance trap
filter. This chrominance trap filter (fo = 4.43 MHz or
fo = 3.58 MHz centre frequency selectable) eliminates the
most of the colour carrier signal, therefore, it must be
bypassed for S-Video signals.
The high frequency components of the luminance signal
can be “peaked” in two bandpass filters with selectable
transfer characteristic. A coring circuit (
±1 LSB) can
improve the signal, this signal is then added to the original
signal. A switchable amplifier achieves a common DC
amplification, because the DC gains are different in both
chrominance trap modes. Additionally, a cut-off sync pulse
is generated for the original signal in both modes.
Synchronization
The luminance output signal is fed to the synchronization
stage. Its bandwidth is reduced to 1 MHz in a low-pass
filter (sync pre-filter). The sync pulses are sliced and fed to
the phase detectors to be compared with the sub-divided
clock frequency. The resulting output signal is applied to
the loop filter to accumulate all phase deviations. There
are three groups of output timing signals:
a. signals related to data output signals (HREF)
b. signals related to the input signals (HSY, and HCL)
c. signals related to the internal sync phase
All horizontal timings are derived from the main counter,
which represents the internal sync phase. The HREF
signal only with its critical timing is phase-compensated in
relationship to the data output signal. Future circuit
improvements could slightly influence the processing
delays of some internal stages to achieve a changed
timing due to the timing groups b and c.
The HREF signal only controls the data multiplexer phase
and the data output signals.
All timings of the following diagrams are measured with
nominal input signals, for example coming from a pattern
generator. Processing delay times are taken between
input and data output, respectively between internal sync
reference (main counter = 0) and the rising edge of HREF.
Line locked clock frequency
LFCO is required in an external PLL (SAA7157) to
generate the line-locked clock frequency LL27 and CREF.
YUV-bus, digital outputs
The 16-bit YUV-bus transfers digital data from the output
interfaces to a feature box, or to the digital-to-analog
converter (DAC). Outputs are controlled via the I2C-bus in
normal selections, or they are controlled by output enable
chain (FEIN, pin 64). The YUV-bus data rate 13.5 MHz.
Timing is achieved by marking each second positive rising
edge of the clock LL27 synchronized by CREF.
YUV-bus formats
4:2:2 and 4:1:1
The output signals Y7 to Y0 are the bits of the digital
luminance signal. The output signals UV7 to UV0 are the
bits of the digital colour-difference signal. The frames in
the Tables 2 and 3 are the time to transfer a full set of
samples. In case of 4:2:2 format two luminance samples
are transmitted in comparison to one U and one V sample
within one frame. The time frames are controlled by the
HREF signal, which determines the correct UV data
phase. The YUV data outputs can be enabled or set to
3-state position by means of the FEIN signal. FEIN = LOW
enables the output; HIGH on this pin forces the Y and U/V
outputs to a high-impedance state (Fig.6).


Similar Part No. - SAA7151B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7151B PHILIPS-SAA7151B Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
More results

Similar Description - SAA7151B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7151B PHILIPS-SAA7151B Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
logo
STMicroelectronics
STV6400 STMICROELECTRONICS-STV6400 Datasheet
85Kb / 9P
   DOUBLE SCART INTERFACE
logo
Sanyo Semicon Device
LA73024AV SANYO-LA73024AV Datasheet
629Kb / 12P
   Double Scart Interface IC
LA73026AV SANYO-LA73026AV Datasheet
270Kb / 13P
   Double Scart Interface IC
logo
NXP Semiconductors
TDA4651 PHILIPS-TDA4651 Datasheet
147Kb / 15P
   Multistandard colour decoder with negative colour difference output signals
August 1993
TDA4650 PHILIPS-TDA4650 Datasheet
147Kb / 13P
   Multistandard colour decoder, with negative colour difference output signals
March 1991
SAA7191B PHILIPS-SAA7191B Datasheet
199Kb / 40P
   Digital Multistandard Colour Decoder, Square Pixel DMSD-SQP
August 1996
logo
Asahi Kasei Microsystem...
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
   AV SCART switch
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
   AV SCART switch
AK4707 AKM-AK4707 Datasheet
406Kb / 42P
   AV SCART Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com