Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5398-T3 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # 1N5398-T3
Description  1.5A STANDARD DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

1N5398-T3 Datasheet(HTML) 1 Page - Won-Top Electronics

  1N5398-T3 Datasheet HTML 1Page - Won-Top Electronics 1N5398-T3 Datasheet HTML 2Page - Won-Top Electronics 1N5398-T3 Datasheet HTML 3Page - Won-Top Electronics 1N5398-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N5391 – 1N5399
1 of 4
© 2006 Won-Top Electronics
Pb
1N5391 – 1N5399
1.5A STANDARD DIODE
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: DO-15, Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.40 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
1N
5391
1N
5392
1N
5393
1N
5395
1N
5397
1N
5398
1N
5399
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 75°C
IO
1.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
50
A
Forward Voltage
@IF = 1.5A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
50
µA
Typical Junction Capacitance (Note 2)
Cj
30
pF
Typical Thermal Resistance Junction to Ambient
(Note 1)
RJA
45
°C/W
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
DO-15
Dim
Min
Max
A
25.4
B
5.50
7.62
C
0.71
0.864
D
2.60
3.60
All Dimensions in mm


Similar Part No. - 1N5398-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1N5398-T3 WTE-1N5398-T3 Datasheet
45Kb / 3P
   1.5A SILICON RECTIFIER
More results

Similar Description - 1N5398-T3

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER151 WTE-HER151_06 Datasheet
58Kb / 4P
   1.5A ULTRAFAST DIODE
logo
Taiwan Semiconductor Co...
1N5391G-T TSC-1N5391G-T Datasheet
387Kb / 5P
   1.5A, 50V - 1000V Standard Rectifier
logo
Zibo Seno Electronic En...
PR1501 ZSELEC-PR1501 Datasheet
135Kb / 2P
   1.5A FAST RECOVERY DIODE
logo
Shanghai Leiditech Elec...
BY448GP LEIDITECH-BY448GP Datasheet
257Kb / 2P
   1.5A Clamper/Damping diode
logo
Won-Top Electronics
FR151 WTE-FR151_06 Datasheet
55Kb / 4P
   1.5A FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
FR151 ZSELEC-FR151 Datasheet
128Kb / 2P
   1.5A FAST RECOVERY DIODE
HER151G ZSELEC-HER151G Datasheet
110Kb / 2P
   1.5A GLASS PASSIVATED ULTRAFAST DIODE
UF150G ZSELEC-UF150G Datasheet
89Kb / 2P
   1.5A GLASS PASSIVATED ULTRAFAST DIODE
logo
Protek Devices
PAM38DOAC10Y PROTEC-PAM38DOAC10Y Datasheet
463Kb / 6P
   1.5A GLASS PASSIVATED RECTIFIER DIODE
logo
GETAI ELECTRONICS DEVIC...
HVRW2 GETEDZ-HVRW2 Datasheet
71Kb / 1P
   2.0kV 1.5A HIGH VOLTAGE DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com