Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2W04 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # 2W04
Description  2.0A SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

2W04 Datasheet(HTML) 2 Page - Won-Top Electronics

  2W04 Datasheet HTML 1Page - Won-Top Electronics 2W04 Datasheet HTML 2Page - Won-Top Electronics 2W04 Datasheet HTML 3Page - Won-Top Electronics 2W04 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2W005 – 2W10
2 of 4
© 2006 Won-Top Electronics
0.01
0.1
1.0
10
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, per element
F
T = 25C
Pulse width = 300s
j
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Surge Current
Pulse Width 8.3 ms
Single Half-Sine-Wave
(JEDEC Method)
60
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25C
f = 1mz
j
0.01
0.1
1.0
10
100
200
0
40
80
160
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
120
T = 100C
j
T = 25C
j
0
0.5
1.0
1.5
0
25
50
100
125
150
75
T , AMBIENT TEMPERATURE (C)
Fig. 1 Forward Current Derating Curve
A
2.0
Single phase half-sine-wave
60Hz resistive or inductive load


Similar Part No. - 2W04

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
2W04 WTE-2W04 Datasheet
46Kb / 3P
   2.0A BRIDGE RECTIFIER
logo
First Components Intern...
2W04 FCI-2W04 Datasheet
124Kb / 2P
   2.0 Amp SINGLE PHASE SILICON BRIDGE
logo
Goodwork Semiconductor ...
2W04 GWSEMI-2W04 Datasheet
61Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Jinan Gude Electronic D...
2W04 JGD-2W04 Datasheet
178Kb / 2P
   SINGLE PHASE 2.0 AMP SILICON BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
2W04 BILIN-2W04 Datasheet
77Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - 2W04

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF20 SANYO-DBF20 Datasheet
56Kb / 2P
   2.0A Single-Phase Bridge Rectifier
DBA20 SANYO-DBA20_09 Datasheet
41Kb / 2P
   2.0A Single-Phase Bridge Rectifier
DBF20 SANYO-DBF20_00 Datasheet
24Kb / 3P
   2.0A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
RB200 WTE-RB200_06 Datasheet
58Kb / 4P
   2.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBF20T SANYO-DBF20T Datasheet
44Kb / 2P
   2.0A Single-Phase Bridge Rectifier
DBA20 SANYO-DBA20 Datasheet
42Kb / 2P
   2.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBF20G ONSEMI-DBF20G Datasheet
683Kb / 2P
   2.0A Single-Phase Bridge Rectifier
June, 2014
logo
Won-Top Electronics
KBP200 WTE-KBP200_06 Datasheet
48Kb / 4P
   2.0A SINGLE-PHASE BRIDGE RECTIFIER
GBJ2A WTE-GBJ2A Datasheet
59Kb / 4P
   2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBP200G WTE-KBP200G_06 Datasheet
64Kb / 4P
   2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com