Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2KBP06M Datasheet(PDF) 1 Page - Won-Top Electronics

Part # 2KBP06M
Description  2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

2KBP06M Datasheet(HTML) 1 Page - Won-Top Electronics

  2KBP06M Datasheet HTML 1Page - Won-Top Electronics 2KBP06M Datasheet HTML 2Page - Won-Top Electronics 2KBP06M Datasheet HTML 3Page - Won-Top Electronics 2KBP06M Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2KBP005M – 2KBP10M
1 of 4
© 2006 Won-Top Electronics
Pb
2KBP005M – 2KBP10M
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Features
Glass Passivated Die Construction
Low Forward Voltage Drop
A
L
High Current Capability
High Reliability
High Surge Current Capability
J
B
Ideal for Printed Circuit Boards
-
~
~
+
Recognized File # E157705
K
C
Mechanical Data
Case: KBPM, Molded Plastic
I
H
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
E
Polarity: As Marked on Body
Weight: 1.7 grams (approx.)
D
G
Mounting Position: Any
Marking: Type Number
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
2KBP
005M
2KBP
01M
2KBP
02M
2KBP
04M
2KBP
06M
2KBP
08M
2KBP
10M
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TA = 55°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
60
A
Forward Voltage per leg
@IF = 2.0A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
500
µA
Rating for Fusing (t<8.3ms)
I
2
t
15
A
2s
Typical Junction Capacitance per leg (Note 1)
Cj
25
pF
Typical Thermal Resistance per leg (Note 2)
RθJA
RθJL
30
11
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +165
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Mounted on PC board with 12mm
2 copper pad.
WTE
POWER SEMICONDUCTORS
KBPM
Dim
Min
Max
A
14.22
15.24
B
10.67
11.68
C
15.20
D
4.30
4.70
E
3.60
4.10
G
2.75
3.15
H
0.76
0.86
I
1.52
J
11.68
12.70
K
12.7
L
3.2 x 45° Typical
All Dimensions in mm


Similar Part No. - 2KBP06M

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
2KBP06M TRSYS-2KBP06M Datasheet
145Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE PHASE RECTIFIER BRIDGE
logo
Vishay Siliconix
2KBP06M VISHAY-2KBP06M Datasheet
495Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 04-Jul-13
logo
Won-Top Electronics
2KBP06M WTE-2KBP06M Datasheet
37Kb / 3P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Mospec Semiconductor
2KBP06M MOSPEC-2KBP06M Datasheet
193Kb / 3P
   Glass Passivated Die Construction
logo
General Semiconductor
2KBP06M GE-2KBP06M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - 2KBP06M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBJ2A WTE-GBJ2A Datasheet
59Kb / 4P
   2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBP200G WTE-KBP200G_06 Datasheet
64Kb / 4P
   2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G WTE-2W005G Datasheet
48Kb / 4P
   2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
UG2KB05 SMCDIODE-UG2KB05 Datasheet
377Kb / 5P
   Single-Phase 2.0A Glass Passivated Bridge Rectifier
Rev. A
logo
Won-Top Electronics
GBP200 WTE-GBP200 Datasheet
59Kb / 4P
   2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Unisonic Technologies
ABS22 UTC-ABS22 Datasheet
169Kb / 4P
   SINGLE PHASE 2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
2017
logo
DIYI Electronic Technol...
ABS22 DYELEC-ABS22 Datasheet
1Mb / 2P
   SINGLE PHASE 2.0A MP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABF22 DYELEC-ABF22 Datasheet
1Mb / 2P
   SINGLE PHASE 2.0A MP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Gulf Semiconductor
2KBP08M-E GULFSEMI-2KBP08M-E Datasheet
117Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 800V Current:2.0A
logo
Burland Technology Solu...
UG2KB05 BURLAND-UG2KB05 Datasheet
377Kb / 5P
   UG2KB05 THRU UG2KB100 Single-Phase 2.0A Glass Passivated Bridge Rectifier
Rev. A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com