Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4936G Datasheet(PDF) 3 Page - Won-Top Electronics

Part # 1N4936G
Description  1.0A GLASS PASSIVATED FAST RECOVERY DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

1N4936G Datasheet(HTML) 3 Page - Won-Top Electronics

  1N4936G Datasheet HTML 1Page - Won-Top Electronics 1N4936G Datasheet HTML 2Page - Won-Top Electronics 1N4936G Datasheet HTML 3Page - Won-Top Electronics 1N4936G Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N4933G – 1N4937G
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
TAPING SPECIFICATIONS
PACKAGING INFORMATION
Packaging
Reel Diameter /
Box Size (mm)
Quantity
(PCS)
Carton Size
(mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
TAPE & REEL
330
5,000
370 x 370 x 420
25,000
13.0
TAPE & BOX
255 x 75 x 150
5,000
400 x 273 x 415
50,000
21.0
BULK
198 x 84 x 20
1,000
459 x 214 x 256
50,000
19.5
Note: 1. Paper reel, white or gray color. Core material: plastic or metal.
2. Components are packed in accordance with EIA standard RS-296-E.
TAPE & REEL
Cathode
= Polarity Band
1N493xG
= Device Number
x
= 3, 4, 5, 6 or 7
WTE
= Manufacturer’s Logo
1 N 49 3x G
WTE
0.8mm
MAX
5mm
1.2mm
MAX
0.8mm
MAX
6mm
52.4mm
Cathode Tape: Red
Anode Tape: White
330mm
Product ID Label
Inspection Hole
(both ends)
80±5mm
TAPE & BOX
255mm
Product ID Label
150mm
75mm
BULK
198mm
84mm
20mm


Similar Part No. - 1N4936G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N4936G RECTRON-1N4936G Datasheet
28Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
1N4936G TSC-1N4936G Datasheet
376Kb / 4P
   Glass Passivated Fast Recovery Rectifiers
logo
Jinan Gude Electronic D...
1N4936G JGD-1N4936G Datasheet
140Kb / 2P
   1.0 AMP . FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4936G HY-1N4936G Datasheet
828Kb / 3P
   Fast Recovery Glass Passivated Recitifiers
logo
Gulf Semiconductor
1N4936G GULFSEMI-1N4936G Datasheet
150Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
More results

Similar Description - 1N4936G

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
FFM101 ZSELEC-FFM101 Datasheet
145Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
FFM101-M ZSELEC-FFM101-M Datasheet
145Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
RS1000FL ZSELEC-RS1000FL Datasheet
140Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Won-Top Electronics
FR101G WTE-FR101G Datasheet
55Kb / 4P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
FR101G ZSELEC-FR101G Datasheet
117Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
1F1G ZSELEC-1F1G Datasheet
135Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
DFR1A ZSELEC-DFR1A Datasheet
92Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
BA157G ZSELEC-BA157G Datasheet
85Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
FR101W ZSELEC-FR101W Datasheet
145Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
PG100R ZSELEC-PG100R Datasheet
135Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com