Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1A6 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # 1A6
Description  1.0A STANDARD DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

1A6 Datasheet(HTML) 4 Page - Won-Top Electronics

  1A6 Datasheet HTML 1Page - Won-Top Electronics 1A6 Datasheet HTML 2Page - Won-Top Electronics 1A6 Datasheet HTML 3Page - Won-Top Electronics 1A6 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1A1 – 1A7
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
1A1-T3
R-1
5000/Tape & Reel
1A1-TB
R-1
5000/Tape & Box
1A1
R-1
1000 Units/Box
1A2-T3
R-1
5000/Tape & Reel
1A2-TB
R-1
5000/Tape & Box
1A2
R-1
1000 Units/Box
1A3-T3
R-1
5000/Tape & Reel
1A3-TB
R-1
5000/Tape & Box
1A3
R-1
1000 Units/Box
1A4-T3
R-1
5000/Tape & Reel
1A4-TB
R-1
5000/Tape & Box
1A4
R-1
1000 Units/Box
1A5-T3
R-1
5000/Tape & Reel
1A5-TB
R-1
5000/Tape & Box
1A5
R-1
1000 Units/Box
1A6-T3
R-1
5000/Tape & Reel
1A6-TB
R-1
5000/Tape & Box
1A6
R-1
1000 Units/Box
1A7-T3
R-1
5000/Tape & Reel
1A7-TB
R-1
5000/Tape & Box
1A7
R-1
1000 Units/Box
1.
Products listed in bold are WTE Preferred devices.
2.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
3.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, 1A1-TB-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - 1A6

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1A6 PANJIT-1A6 Datasheet
52Kb / 2P
   MINIATURE PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Leshan Radio Company
1A6 LRC-1A6 Datasheet
189Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Pan Jit International I...
1A6 PANJIT-1A6 Datasheet
75Kb / 2P
   MINIATURE PLASTIC SILICON RECTIFIER
logo
Diode Semiconductor Kor...
1A6 DSK-1A6 Datasheet
291Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shanghai Shunye Electro...
1A6 SY-1A6 Datasheet
234Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results

Similar Description - 1A6

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
1A1 ZSELEC-1A1 Datasheet
113Kb / 2P
   1.0A STANDARD DIODE
logo
Won-Top Electronics
1N4001 WTE-1N4001_06 Datasheet
61Kb / 4P
   1.0A STANDARD DIODE
1N4001G WTE-1N4001G_06 Datasheet
61Kb / 4P
   1.0A GLASS PASSIVATED STANDARD DIODE
BY133 WTE-BY133_06 Datasheet
59Kb / 4P
   1.0A HIGH VOLTAGE STANDARD DIODE
S1A WTE-S1A_06 Datasheet
47Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
GS1A WTE-GS1A_06 Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
TAITRON Components Inco...
RL101 TAITRON-RL101 Datasheet
182Kb / 5P
   1.0A Standard Rectifier
logo
NTE Electronics
1N4001 NTE-1N4001 Datasheet
235Kb / 2P
   1.0A Standard Recovery Rectifier
logo
Won-Top Electronics
UF4001 WTE-UF4001_06 Datasheet
56Kb / 4P
   1.0A ULTRAFAST DIODE
SF11 WTE-SF11_06 Datasheet
51Kb / 4P
   1.0A SUPERFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com