Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1H4 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # 1H4
Description  1.0A ULTRAFAST DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

1H4 Datasheet(HTML) 4 Page - Won-Top Electronics

  1H4 Datasheet HTML 1Page - Won-Top Electronics 1H4 Datasheet HTML 2Page - Won-Top Electronics 1H4 Datasheet HTML 3Page - Won-Top Electronics 1H4 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1H1 – 1H8
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
1H1-T3
R-1
5000/Tape & Reel
1H1-TB
R-1
5000/Tape & Box
1H1
R-1
1000 Units/Box
1H2-T3
R-1
5000/Tape & Reel
1H2-TB
R-1
5000/Tape & Box
1H2
R-1
1000 Units/Box
1H3-T3
R-1
5000/Tape & Reel
1H3-TB
R-1
5000/Tape & Box
1H3
R-1
1000 Units/Box
1H4-T3
R-1
5000/Tape & Reel
1H4-TB
R-1
5000/Tape & Box
1H4
R-1
1000 Units/Box
1H5-T3
R-1
5000/Tape & Reel
1H5-TB
R-1
5000/Tape & Box
1H5
R-1
1000 Units/Box
1H6-T3
R-1
5000/Tape & Reel
1H6-TB
R-1
5000/Tape & Box
1H6
R-1
1000 Units/Box
1H7-T3
R-1
5000/Tape & Reel
1H7-TB
R-1
5000/Tape & Box
1H7
R-1
1000 Units/Box
1H8-T3
R-1
5000/Tape & Reel
1H8-TB
R-1
5000/Tape & Box
1H8
R-1
1000 Units/Box
1.
Products listed in bold are WTE Preferred devices.
2.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
3.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, 1H1-TB-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - 1H4

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1H4 WTE-1H4 Datasheet
46Kb / 3P
   1.0A MINIATURE HIGH EFFICIENCY RECTIFIER
logo
Goodwork Semiconductor ...
1H4 GWSEMI-1H4 Datasheet
69Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
1H4 SAMYANG-1H4 Datasheet
464Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Rectron Semiconductor
1H4 RECTRON-1H4 Datasheet
27Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shunye Enterprise
1H4 SHUNYE-1H4 Datasheet
233Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - 1H4

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF4001 WTE-UF4001_06 Datasheet
56Kb / 4P
   1.0A ULTRAFAST DIODE
HER101 WTE-HER101_06 Datasheet
51Kb / 4P
   1.0A ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
EGP10A ZSELEC-EGP10A Datasheet
117Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
GU1A ZSELEC-GU1A Datasheet
134Kb / 2P
   1.0A SURFACE MOUNT ULTRAFAST DIODE
HER101G ZSELEC-HER101G Datasheet
119Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
US1A ZSELEC-US1A Datasheet
135Kb / 2P
   1.0A SURFACE MOUNT ULTRAFAST DIODE
1H1G ZSELEC-1H1G Datasheet
134Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Won-Top Electronics
HER101G WTE-HER101G Datasheet
57Kb / 4P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
UF4001G WTE-UF4001G Datasheet
56Kb / 4P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
MURS110 ZSELEC-MURS110 Datasheet
142Kb / 2P
   1.0A SURFACE MOUNT ULTRAFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com