Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP7655 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP7655
Description  Evaluation Board Manual
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7655 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP7655 Datasheet HTML 2Page - Sipex Corporation SP7655 Datasheet HTML 3Page - Sipex Corporation SP7655 Datasheet HTML 4Page - Sipex Corporation SP7655 Datasheet HTML 5Page - Sipex Corporation SP7655 Datasheet HTML 6Page - Sipex Corporation SP7655 Datasheet HTML 7Page - Sipex Corporation SP7655 Datasheet HTML 8Page - Sipex Corporation SP7655 Datasheet HTML 9Page - Sipex Corporation SP7655 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Table 1: SP7655EB List of Materials
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP7655EB…................................-40
°C to +85°C...............…SP7655 Evaluation Board
SP7655ER..............................…. -40
°C to +85°C.................................……26-pin DFN
SP7655 Vin=28V Evaluation Board Rev. 00 List of Materials
6/18/04
Line
Ref.
Qty.
Manuf.
Manuf.
Layout
Component
Vendor
No.
Des.
Part Number
Size
Phone Number
1
PCB
1
Sipex
F146-6570-00
1.75"X2.75"
SP7655EB
978-667-
8700
2
U1
1
Sipex
SP7655EU
DFN-26
2-FETs Buck Ctrl
978-667-
8700
3
U2
1
Sipex
SPX5205M5-5.0
SOT-23-5
150mA LDO Voltage Reg
978-667-7800
4
DBST
1
Vishay Semi
SD101AWS
SOD-323
15mA Schottky Diode
402-563-6866
5
D1
1
ON Semi
MMSZ4678T1
SOD-123
12V, 500mW Zener Diode
800-344-4539
6
L1
1
Vishay
IHLP-2525CZ-01-2R2MTR
6.86x6.47mm
2.2uH Coil 8A 10.4mohm
914-347-2474
7
C3
1
TDK
C3225X5R0J476M
1210
47uF Ceramic X5R 6.3V
978-779-3111
8
C1,C4
2
TDK
C3225X7R1H335M
1210
3.3uF Ceramic X7R 50V
978-779-3111
9
CVCC
1
TDK
C1608X5R1A225K
0603
2.2uF Ceramic X5R 10V
978-779-3111
10
CBST
1
Murata
GRM188R61A105KA61D
0603
1.0uF Ceramic X5R 10V
978-779-3111
11
C2
1
TDK
C1608X7R1H104K
0603
0.1uF Ceramic X7R 50V
978-779-3111
12
CSS
1
Samsung
CL10B473KB8NNNC
0603
47,000pF Ceramic X7R 50V
978-779-3111
13
CP1
1
AVX
06035A150JAT2A
0603
15pF Ceramic COG 50V
978-779-3111
14
CZ2
1
TDK
C1608COG1H222J
0603
2,200pF Ceramic COG 50V
978-779-3111
15
CF1
1
ROHM
MCH185A101JK
0603
100pF Ceramic COG 50V
978-779-3111
16
CZ3
1
AVX
06035A121JAT2A
0603
120pF Ceramic COG 50V
978-779-3111
17
RZ2
1
ROHM
MCR03EZPFX7681
0603
7.68K Ohm Thick Film Res 1%
800-344-4539
18
R2
1
SEI Electronics
RMC-1/16W-21.5K-1%
0603
21.5K Ohm Thick Film Res 1%
800-344-4539
19
RZ3
1
Vishay
CRCW0603-8661FRT1
0603
8.66K Ohm Thick Film Res 1%
800-344-4539
20
R1
1
Vishay
CRCW0603-6812FRT1
0603
68.1K Ohm Thick Film Res 1%
800-344-4539
21
R3
1
Vishay
CRCW0603-4993FRT1
0603
499K Ohm Thick Film Res 1%
800-344-4539
22
RBST
1
ROHM
MCR03EZPEFX20R0
0603
20.0 Ohm Thick Film Res 1%
800-344-4539
23
R4
1
Vishay
CRCW0603-1003FRT1
0603
100K Ohm Thick Film Res 1%
800-344-4539
24
VIN, VOUT, GND, GND2
4
Vector Electronic
K24C/M
.042 Dia
Input/Output Terminal Posts
800-344-4539


Similar Part No. - SP7655

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7655 SIPEX-SP7655 Datasheet
121Kb / 12P
   Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SP7655 SIPEX-SP7655 Datasheet
1Mb / 16P
   Wide Input Voltage Range, 8Amp 300kHz, Buck Regulator
SP7655ER SIPEX-SP7655ER Datasheet
1Mb / 16P
   Wide Input Voltage Range, 8Amp 300kHz, Buck Regulator
SP7655ER-L/TR SIPEX-SP7655ER-L/TR Datasheet
121Kb / 12P
   Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SP7655ER/TR SIPEX-SP7655ER/TR Datasheet
121Kb / 12P
   Wide Input Voltage Range 8A, 300kHz, Buck Regulator
More results

Similar Description - SP7655

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
logo
Motorola, Inc
MC145192EVK MOTOROLA-MC145192EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
   Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
   Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
   Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com