Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7157 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAA7157
Description  Clock signal generator circuit for digital TV systems SCGC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7157 Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA7157 Datasheet HTML 1Page - NXP Semiconductors SAA7157 Datasheet HTML 2Page - NXP Semiconductors SAA7157 Datasheet HTML 3Page - NXP Semiconductors SAA7157 Datasheet HTML 4Page - NXP Semiconductors SAA7157 Datasheet HTML 5Page - NXP Semiconductors SAA7157 Datasheet HTML 6Page - NXP Semiconductors SAA7157 Datasheet HTML 7Page - NXP Semiconductors SAA7157 Datasheet HTML 8Page - NXP Semiconductors SAA7157 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
May 1992
4
Philips Semiconductors
Product specification
Clock signal generator circuit for digital TV
systems (SCGC)
SAA7157
CREF output
TV2 digital clock reference output signal. Clock qualifier signal to TV system with 2 times of LFCO or LFCO2 frequency.
Power-on reset
Power-on reset is activated at power-on, when the supply voltage decreases below 3.5 V (Fig.4) or when chip enable is
done. The indicator output RESN is LOW for a time determined by capacitor on pin 3. The RESN signal can be applied
to reset other circuits of this digital TV system.
The LFCO or LFCO2 input signals have to be applied before RESN becomes HIGH.
PINNING
Note
1. MS and LFCO2 functions are not tested. LFCO2 is a multiple of horizontal frequency.
SYMBOL
PIN
DESCRIPTION
MS
1
mode select input (LOW = PLL mode)
CE
2
chip enable /reset (HIGH = outputs enabled)
PORD
3
power-on reset delay, dependent on external capacitor
VSSA
4
analog ground (0 V)
VDDA
5
analog supply voltage (
+5 V)
VSSD1
6
digital ground 1 (0 V)
LL1.5A
7
line-locked clock output signal 1.5A (4 times fLFCO)
VDDD1
8
digital supply voltage 1 (
+5 V)
VSSD2
9
digital ground 2 (0 V)
LL1.5B
10
line-locked clock output signal 1.5B (4 times fLFCO)
LFCO
11
line-locked frequency control input signal 1
RESN
12
reset output (active-LOW, Fig.4)
VSSD3
13
digital ground 3 (0 V)
LL3A
14
line-locked clock output signal 3A (2 times fLFCO)
CREF
15
clock reference output, qualifier signal (2 times fLFCO)
LFCOSEL
16
LFCO source select (LOW = LFCO selected) (1)
VDDD2
17
digital supply voltage 2 (
+5 V)
VSSD4
18
digital ground 4 (0 V)
LFCO2
19
line-locked frequency control input signal 2(1)
LL3B
20
line-locked clock output signal 3B (2 times fLFCO)


Similar Part No. - SAA7157

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7151 PHILIPS-SAA7151 Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
235Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7152 PHILIPS-SAA7152 Datasheet
69Kb / 15P
   Digital Video Comb Filter DCF
August 1996
SAA7154E NXP-SAA7154E Datasheet
420Kb / 90P
   Multistandard video decoder with comb filter, component input and RGB output
Rev. 02-6 December 2007
More results

Similar Description - SAA7157

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA9057A ETC1-SAA9057A Datasheet
301Kb / 6P
   CLOCK SIGNAL GENERATOR CIRCUIT FOR DIGITAL TV SYSTEMS(CGC)
SAA9057B ETC1-SAA9057B Datasheet
317Kb / 7P
   CLOCK SIGNAL GENERATOR CIRCUIT FOR DIGITAL TV SYSTEMS(CGC)
logo
NXP Semiconductors
SAA7197 PHILIPS-SAA7197 Datasheet
107Kb / 16P
   Clock Generator Circuit for desktop video systems CGC
August 1996
logo
Texas Instruments
CDC5806 TI-CDC5806 Datasheet
112Kb / 8P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR FOR DIGITAL TV APPLICATIONS
logo
Renesas Technology Corp
9FGS9093 RENESAS-9FGS9093 Datasheet
650Kb / 13P
   Clock Generator for P9 Systems
Mar 29, 2022
logo
NTE Electronics
NTE7049 NTE-NTE7049 Datasheet
30Kb / 3P
   Integrated Circuit CMOS-Sync Generator for TV & Video Processing Systems
logo
Cypress Semiconductor
CY24133 CYPRESS-CY24133 Datasheet
61Kb / 5P
   MediaClock Digital TV Clock Generator with VCXO
logo
NTE Electronics
NTE7019 NTE-NTE7019 Datasheet
26Kb / 3P
   Integrated Circuit Digital Tuning System Interface for TV Systems
NTE15042 NTE-NTE15042 Datasheet
23Kb / 3P
   Integrated Circuit Digital Tuning System Interface for TV Systems
logo
PulseCore Semiconductor
PCS3P7100A PULSECORE-PCS3P7100A_1 Datasheet
386Kb / 9P
   Custom Clock Generator for Display Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com