Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP7651ER Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP7651ER
Description  Evaluation Board Manual
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7651ER Datasheet(HTML) 6 Page - Sipex Corporation

  SP7651ER Datasheet HTML 1Page - Sipex Corporation SP7651ER Datasheet HTML 2Page - Sipex Corporation SP7651ER Datasheet HTML 3Page - Sipex Corporation SP7651ER Datasheet HTML 4Page - Sipex Corporation SP7651ER Datasheet HTML 5Page - Sipex Corporation SP7651ER Datasheet HTML 6Page - Sipex Corporation SP7651ER Datasheet HTML 7Page - Sipex Corporation SP7651ER Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Sept12-06
SP7651 Evaluation Manual
©2006 Sipex Corporation
Page 6 of 8
The simple guidelines for positioning the poles and zeros and for calculating the
component values for Type III compensation are as follows:
a.
Choose fco = fs / 5
b.
Calculate fp_LC
fp_LC = 1 / [2π (L ●C) ^ 1/2 ]
c.
Calculate fz_ESR
fz_ESR = 1 / 2π (RESR) ● (COUT)
d.
Select R1 component value such that 50kΩ ≤ R1 ≤ 100kΩ
e.
Calculate R2 base on the desired VOUT
R2 = R1 / [(VOUT / 0.80V) – 1]
f.
Select the ratio of Rz2 / R1 gain for the desired gain bandwidth
Rz2 = R1 (VRAMP_PP / VIN_MAX) (fco / fp_LC)
g.
Calculate Cz2 by placing the zero at ½ of the output filter pole frequency
Cz2 = 1 / [π (Rz2) ● (fp_LC) ]
h.
Calculate Cp1 by placing the first pole at ESR zero frequency
Cp1 = 1 / [2π (Rz2) ● (fz_ESR) ]
i.
Calculate Rz3 by setting the second pole at ½ of the switching frequency and the
second zero at the output filter double pole frequency
Rz3 = 2 (R1) (fp_LC) / fs
j.
Calculate Cz3 from Rz3 component value above
Cz3 = 1 / π (Rz3) ● (fs)
k.
Choose 100pF ≤ Cf1 ≤ 220pF to stabilize the SP7651ER internal Error Amplifier
Note: Loop Compensation component calculations discussed in this section are
further elaborated in the application note #ANP16, “Loop Compensation of
Voltage-Mode Buck Converters”.
These calculations shown here can be quickly iterated with the Type III Loop
Compensation Calculator on the web at:
www.sipex.com/files/Application-Notes/TypeIIICalculator.xls


Similar Part No. - SP7651ER

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7651ER SIPEX-SP7651ER Datasheet
1Mb / 15P
   Wide Input Voltage Range 3Amp 900kHz Buck Regulator
logo
Exar Corporation
SP7651ER EXAR-SP7651ER Datasheet
1Mb / 15P
   900kHz Buck Regulator
logo
Sipex Corporation
SP7651ER-L SIPEX-SP7651ER-L Datasheet
1Mb / 15P
   Wide Input Voltage Range 3Amp 900kHz Buck Regulator
logo
Exar Corporation
SP7651ER-L EXAR-SP7651ER-L Datasheet
1Mb / 15P
   900kHz Buck Regulator
logo
Sipex Corporation
SP7651ER-L/TR SIPEX-SP7651ER-L/TR Datasheet
117Kb / 12P
   Wide Input Voltage Range 3A, 900kHz, Buck Regulator
More results

Similar Description - SP7651ER

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
logo
Motorola, Inc
MC145192EVK MOTOROLA-MC145192EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
   Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
   Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
   Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com