Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7152 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAA7152
Description  Digital Video Comb Filter DCF
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7152 Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA7152 Datasheet HTML 1Page - NXP Semiconductors SAA7152 Datasheet HTML 2Page - NXP Semiconductors SAA7152 Datasheet HTML 3Page - NXP Semiconductors SAA7152 Datasheet HTML 4Page - NXP Semiconductors SAA7152 Datasheet HTML 5Page - NXP Semiconductors SAA7152 Datasheet HTML 6Page - NXP Semiconductors SAA7152 Datasheet HTML 7Page - NXP Semiconductors SAA7152 Datasheet HTML 8Page - NXP Semiconductors SAA7152 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
August 1996
4
Philips Semiconductors
Product specification
Digital Video Comb Filter (DCF)
SAA7152
PINNING
SYMBOL
PIN
DESCRIPTION
RESN
1
reset input; active low
LL27
2
line-locked system clock input (27 MHz)
CIN0
3
chrominance input data bits CIN0 to CIN7
CIN1
4
CIN2
5
CIN3
6
CIN4
7
CIN5
8
CIN6
9
CIN7
10
VDD1
11
+5 V supply input
VSS1
12
ground 1 (0 V)
CVBS0
13
CVBS input data bits 0 to 7
CVBS1
14
CVBS2
15
CVBS3
16
CVBS4
17
CVBS5
18
CVBS6
19
CVBS7
20
SP
21
connected to ground (shift pin for testing)
AP
22
connected to ground (action pin for testing)
SDA
23
I2C-bus data line
SCL
24
I2C-bus clock line
YOUT7
25
luminance (Y) output data bits 7 to 0
YOUT6
26
YOUT5
27
YOUT4
28
YOUT3
29
YOUT2
30
YOUT1
31
YOUT0
32
VSS2
33
ground 2 (0 V)
VDD2
34
+5 V supply input 2


Similar Part No. - SAA7152

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7151 PHILIPS-SAA7151 Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
235Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7154E NXP-SAA7154E Datasheet
420Kb / 90P
   Multistandard video decoder with comb filter, component input and RGB output
Rev. 02-6 December 2007
SAA7154EG NXP-SAA7154EG Datasheet
420Kb / 90P
   Multistandard video decoder with comb filter, component input and RGB output
Rev. 02-6 December 2007
More results

Similar Description - SAA7152

ManufacturerPart #DatasheetDescription
logo
Micronas
VPC323XD MICRONAS-VPC323XD Datasheet
1Mb / 78P
   Comb Filter Video Processor
logo
Sony Corporation
CXD2043Q SONY-CXD2043Q Datasheet
157Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073Q SONY-CXD2073Q Datasheet
160Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073S SONY-CXD2073S Datasheet
144Kb / 11P
   Digital Comb Filter (NTSC)
CXD2093Q SONY-CXD2093Q Datasheet
235Kb / 15P
   Digital Comb Filter (NTSC)
CXD2064Q SONY-CXD2064Q Datasheet
266Kb / 15P
   Digital Comb Filter (NTSC/PAL)
logo
Zoran Corporation
CVD1 ZORAN-CVD1 Datasheet
222Kb / 2P
   2D Comb Filter NTSC/PAL/SECAM Video Decoder
CVD2 ZORAN-CVD2 Datasheet
225Kb / 2P
   3D Comb Filter NTSC/PAL/SECAM Video Decoder
logo
NXP Semiconductors
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com