Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1825C110DHGAC Datasheet(PDF) 5 Page - Kemet Corporation

Part # C1825C110DHGAC
Description  CERAMIC CHIP / HIGH VOLTAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1825C110DHGAC Datasheet(HTML) 5 Page - Kemet Corporation

  C1825C110DHGAC Datasheet HTML 1Page - Kemet Corporation C1825C110DHGAC Datasheet HTML 2Page - Kemet Corporation C1825C110DHGAC Datasheet HTML 3Page - Kemet Corporation C1825C110DHGAC Datasheet HTML 4Page - Kemet Corporation C1825C110DHGAC Datasheet HTML 5Page - Kemet Corporation C1825C110DHGAC Datasheet HTML 6Page - Kemet Corporation C1825C110DHGAC Datasheet HTML 7Page - Kemet Corporation C1825C110DHGAC Datasheet HTML 8Page - Kemet Corporation C1825C110DHGAC Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
KEMET offers Multilayer Ceramic Chip Capacitors
packaged in 8mm and 12mm plastic tape on 7" and
13" reels in accordance with EIA standard 481-1:
Taping of surface mount components for automatic
handling. This packaging system is compatible with all
tape fed automatic pick and place systems. See page 78
for details on reeling quantities for commercial chips
and page 87 for MIL-PRF-55681 chips.
CERAMIC CHIP CAPACITORS
Packaging Information
Tape & Reel Packaging
8mm ±.30
(.315 ±.012")
or
12mm ±.30
(.472 ±.012")
178mm (7.00")
or
330mm (13.00")
Anti-Static Reel
Embossed Carrier*
0402 and 0603 case sizes
available on punched paper only.
Embossment
Anti-Static Cover Tape
(.10mm (.004") Max Thickness)
Chip Orientation
in Pocket
(except 1825 Commercial, and 1825 & 2225 Military)
* Punched paper carrier used for 0402 and 0603 case size.
g
handling. This packaging system is compatible with all
tape fed automatic pick and place systems. See page 81
for details on reeling quantities for commercial chips
and page 90 for MIL-PRF-55681 chips.
KEMET
®
X
C
G
Z
Y
Grid
placement
courtyard
Z
2.14
2.78
3.30
4.50
4.50
5.90
5.90
7.00
7.00
G
0.28
0.68
0.70
1.50
1.50
2.30
2.30
3.30
3.30
X
0.74
1.08
1.60
2.00
2.90
3.70
6.90
5.50
6.80
Y(ref)
0.93
1.05
1.30
1.50
1.50
1.80
1.80
1.85
1.85
C(ref)
1.21
1.73
2.00
3.00
3.00
4.10
4.10
5.15
5.15
Z
3.18
3.70
4.90
4.90
G
0.68
0.70
1.50
1.50
X
0.80
1.10
1.40
2.00
Y(ref)
1.25
1.50
1.70
1.70
Smin
1.93
2.20
3.20
3.20
Wave Solder
Reflow Solder
Calculation Formula
Z = Lmin + 2Jt + Tt
G = Smax - 2Jh -Th
X = Wmin + 2Js + Ts
Tt, Th, Ts = Combined tolerances
0402
0603
0805
1206
1210
1812
1825
2220
2225
Dimension
Not Recommended
Not Recommended
C
X
Grid
Placement
Courtyard
G
Y
Z
SURFACE MOUNT LAND DIMENSIONS - CERAMIC CHIP CAPACITORS - MM
93


Similar Part No. - C1825C110DHGAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1825C101JARAC KEMET-C1825C101JARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
C1825C101KARAC KEMET-C1825C101KARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
C1825C101MARAC KEMET-C1825C101MARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
C1825C102JGGACTU KEMET-C1825C102JGGACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C1825C102JZGACTU KEMET-C1825C102JZGACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C1825C110DHGAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206C102KCRACTU KEMET-C1206C102KCRACTU Datasheet
489Kb / 4P
   CERAMIC CHIP / HIGH VOLTAGE
logo
Suntan Capacitors
TS18H SUNTAN-TS18H Datasheet
438Kb / 8P
   HIGH VOLTAGE CERAMIC CHIP CAPACITOR-SMD
TS18H SUNTAN-TS18H_17 Datasheet
233Kb / 8P
   HIGH VOLTAGE CERAMIC CHIP CAPACITOR-SMD
logo
Murata Manufacturing Co...
GA355XR7GB563KW06L MURATA-GA355XR7GB563KW06L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors (Medium Voltage)
logo
Kingtronics Internation...
LKT KINGTRONICS-LKT Datasheet
365Kb / 8P
   Low Voltage Multilayer Chip Ceramic Capacitor
logo
Suntan Capacitors
TS16 SUNTAN-TS16_17 Datasheet
330Kb / 2P
   HIGH VOLTAGE CERAMIC CAPACITOR
logo
TDK Electronics
CD70-B2GA151KYGKA TDK-CD70-B2GA151KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com