Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C512C689M1R5CA Datasheet(PDF) 8 Page - Kemet Corporation

Part # C512C689M1R5CA
Description  CERAMIC MOLDED/AXIAL & RADIAL - STANDARD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C512C689M1R5CA Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C512C689M1R5CA Datasheet HTML 2Page - Kemet Corporation C512C689M1R5CA Datasheet HTML 3Page - Kemet Corporation C512C689M1R5CA Datasheet HTML 4Page - Kemet Corporation C512C689M1R5CA Datasheet HTML 5Page - Kemet Corporation C512C689M1R5CA Datasheet HTML 6Page - Kemet Corporation C512C689M1R5CA Datasheet HTML 7Page - Kemet Corporation C512C689M1R5CA Datasheet HTML 8Page - Kemet Corporation C512C689M1R5CA Datasheet HTML 9Page - Kemet Corporation C512C689M1R5CA Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
39
CERAMIC LEADED
PACKAGING INFORMATION
KEMET
®
KEMET
®
Adhesive Tape
Adhesive Tape
Kraft Paper
Interleaving
Figure 1
Figure 2
31/4"
(82.6)
.655"
±0.010"
(16.6
±0.25)
10.5" - 14"
(26.67 -
35.56cm)
.059" to .315"
Greater Than
Component
Length
*
Hub
1/8"
(3.18)
Figure 3
See Table 1
(B)
.250" Nom.
(6.35)
*
.047" Max
(1.20)
See Table 1 (A)
Ceramic Axial
Lead Tape and Reel Packaging
KEMET offers standard reeling of Molded and Conformally
Coated Axial Leaded Ceramic Capacitors for automatic insertion
or lead forming machines per EIA specification RS-296. KEMET’S
internal specification four-digit suffix, 7200, is placed at the end of
the part number to designate tape and reel packaging, ie:
C410C104Z5U5CA7200.
Paper (50 lb.) test minimum is inserted between the layers of
capacitors wound on reels for component pitch
≤ 0.400".
Capacitor lead length may extend only a maximum of .0625"
(1.59mm) beyond the tapes' edges. Capacitors are centered in a
row between the two tapes and will deviate only
± 0.031
(0.79mm) from the row center. A minimum of 36" (91.5 cm) leader
tape is provided at each end of the reel capacitors. Universal
splicing clips are used to connect the tape. Standard reel
quantities are shown on page 41.
Dimensions in Inches & (Millimeters)
* Not Available for Conformally Coated Parts.
Component
Body Diameter
Component
Pitch "A"
Inside Tape Spacing "B"
± 1.5mm (0.059")
0.020" or (
±0.5mm)
I
III*
0" (0mm) to 0.197" (5mm)
0.197" (5.01mm) to 0.394: (10mm)
0.197" or (5mm)
0.394" or (10mm)
2.062" (52.4mm)
2.874" (73mm)
Table 1


Similar Part No. - C512C689M1R5CA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C512C102D1G5CA KEMET-C512C102D1G5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C512C102D1R5CA KEMET-C512C102D1R5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C512C102D2G5CA KEMET-C512C102D2G5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C512C102D2R5CA KEMET-C512C102D2R5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C512C102D5G5CA KEMET-C512C102D5G5CA Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
More results

Similar Description - C512C689M1R5CA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1141100K1X5C2 KEMET-C1141100K1X5C2 Datasheet
163Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
C114G10922G5C1 KEMET-C114G10922G5C1 Datasheet
166Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
C052G102J1G5CR KEMET-C052G102J1G5CR Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com