Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C062C689M1R5CA Datasheet(PDF) 9 Page - Kemet Corporation

Part # C062C689M1R5CA
Description  CERAMIC MOLDED/AXIAL & RADIAL - STANDARD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C062C689M1R5CA Datasheet(HTML) 9 Page - Kemet Corporation

Back Button C062C689M1R5CA Datasheet HTML 2Page - Kemet Corporation C062C689M1R5CA Datasheet HTML 3Page - Kemet Corporation C062C689M1R5CA Datasheet HTML 4Page - Kemet Corporation C062C689M1R5CA Datasheet HTML 5Page - Kemet Corporation C062C689M1R5CA Datasheet HTML 6Page - Kemet Corporation C062C689M1R5CA Datasheet HTML 7Page - Kemet Corporation C062C689M1R5CA Datasheet HTML 8Page - Kemet Corporation C062C689M1R5CA Datasheet HTML 9Page - Kemet Corporation C062C689M1R5CA Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CERAMIC LEADED
PACKAGING INFORMATION
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
40
Ceramic Radial Tape and Reel Dimensions in Millimeters & (Inches)
Figure 3: Standard Reel
Figure 1
31/4"
(82.6)
.655"
±0.010"
(16.6
±0.25)
12"
(30.48 cm)
.059" to .315"
Greater Than
Over All
Height
of Taped
Components
*
Hub
1/8"
(3.18)
Ceramic Radial
Lead Tape and Reel Packaging
KEMET offers standard reeling of Molded and Conformally
Coated Radial Leaded Ceramic Capacitors for automatic
insertion per EIA specification RS-468. Parts are taped to a
tagboard carrier strip, and wound on a reel as shown in
Figure 1. Kraft paper interleaving is inserted between the
layers of capacitors on the reel. Ammopack is also available,
with the same lead tape configuration and package quantities.
KEMET
®
KEMET
®
Kraft Paper
Interleaving
Carrier Tape
Carrier Strip
Adhesive Tape
* Lead spacings are 2.54mm
(.10") center-to-center.
** Lead spacings are 5.08mm
(.20") center-to-center.
C317**
C322**
C323**
C333**
P2
H
W0
W2
W2
P0
T
H1
L1
D0
C315*
C320*
CK05**
CKR05**
C052**
C056**
C066**
CK06**
CKR06**
C062**
C330**
C340**
P
1MM Max.
(.039")
Tape
Carrier
∆H
P1
F
Figure 2: Lead Tape Configuration (See Table Below)
W
H0
Sprocket Hole Diameter
Sprocket Hole Pitch
Component Pitch
Lead Spacing (1)
Sprocket Hole Center
to Lead Center (1)
Sprocket Hole Center
to Component Center
Height to Seating Plane
(straight leads) (2)
Component Height
Above Tape Center
Dimension
Symbol
Nominal
mm (inch)
Tolerance
mm (inch)
Dimension
Symbol
Nominal
mm (inch)
Tolerance
mm (inch)
Height to Seating
Plane (formed leads) (2)
Component Alignment
Lead Protrusion
Composite Tape
Thickness
Overall Tape and
Lead Thickness
Carrier Tape Width
Hold-Down Tape
Width
Hold-Down Tape
Location
Do
P0
P
F
P1
P2
H
H1
± 0.2 (.008)
± 0.3 (.012)
± 0.3 (.012)
+0.6 -0.2
(+.024 -.008)
± 0.7 (.028)
± 1.3 (.051)
7301
7303
±0.5 (.020) Minimum
Maximum
7301
7303
16.0 (.630) 18.0 (.709)
4.0 (.157)
1.0 (.039)
0.7 (.051)
1.5 (.059)
18.0 (.709)
5.0 (.197)
3.0 (.118)
H0
∆h
L1
t
T
W
W0
W2
7301
7303
±0.5 (.020) Minimum
±0.2 (.008)
Maximum
±0.2 (.008)
Maximum
+1.0 - 0.5
(+.039 -.020)
Minimum
Maximum
(1) Measured at the egress from the carrier tape, on the component side.
(2) Determined by a 4 digit suffix placed at the end of the part number, as follows:
7301 =
7303 =
4.0 (.157)
12.7 (.500)
12.7 (.500)
5.08
2.54
(.20)
(.10)
3.81
5.08
(.150)
(.200)
6.35 (.250)
7301
7303
16.0 (.630) 18.0 (.709)
32.2 (1.27)
Recommended for parts with formed leads.
Recommended for parts with straight leads.
Example: C322C104K5R5CA7301
Example: C320C104K5R5CA7303
(Note: Non-standard lead lengths
available in bulk only.)
C6xx#
C6xx#
# See page 15 for exact lead
configuration for Series.


Similar Part No. - C062C689M1R5CA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C062C-K-G KEMET-C062C-K-G Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C062C-K-G KEMET-C062C-K-G Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C062C-K-G KEMET-C062C-K-G Datasheet
1Mb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C062C-K-G KEMET-C062C-K-G Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C062C-K-G KEMET-C062C-K-G Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results

Similar Description - C062C689M1R5CA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1141100K1X5C2 KEMET-C1141100K1X5C2 Datasheet
163Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
C114G10922G5C1 KEMET-C114G10922G5C1 Datasheet
166Kb / 10P
   CERAMIC MOLDED AXIAL & RADIAL
C052G102J1G5CR KEMET-C052G102J1G5CR Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com