Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25671A5966A375 Datasheet(PDF) 2 Page - EPCOS

Part # B25671A5966A375
Description  PoleCap Capacitors for Power Factor Correction (Outdoor usage)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25671A5966A375 Datasheet(HTML) 2 Page - EPCOS

  B25671A5966A375 Datasheet HTML 1Page - EPCOS B25671A5966A375 Datasheet HTML 2Page - EPCOS B25671A5966A375 Datasheet HTML 3Page - EPCOS B25671A5966A375 Datasheet HTML 4Page - EPCOS B25671A5966A375 Datasheet HTML 5Page - EPCOS B25671A5966A375 Datasheet HTML 6Page - EPCOS B25671A5966A375 Datasheet HTML 7Page - EPCOS B25671A5966A375 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Power Capacitors
B25671A5966A375
Power Factor Correction
MKK525-D-8.3-P
Construction
Dielectric: Polypropylene film
Gas-impregnated / dry type
Concentric winding
Wave cut
Extruded round aluminum can with stud
Provided with ceramic discharge module
Triple safety system
Features
Three phase, delta connected
Self-healing technology
Naturally air cooled (or forced air cooling)
Outdoor mounting
Ambient
Highest insulation strength for outdoor
applications (to IEC 60831, 15kV)
Terminal cover, cable gland and connection
cable made of material resistant to weather,
UV radiation and aging.
Cable UV-resistant and flame retardant
Housing of pure aluminium (corrosion-free operation)
Double housing of terminals for protection against
hazardous parts, ingress of solid foreign bodies,
dust and harmful effects of water
Technical data and specifications
Characteristics
Rated capacitance CR
3 x 32 µF
Tolerance
-5 / +10%
Connection
D (Delta)
Rated voltage VR
525 VAC
Rated frequency fR
50 Hz
60 Hz
Output
8.3 kvar
10 kvar
Rated current IR
9 A
11 A
tanδ (dielectric)
0.2 W / kvar
FK PFC R&D
2005-06-03
Please read the important notes,
Page
2 of 8
cautions and warnings.


Similar Part No. - B25671A5966A375

ManufacturerPart #DatasheetDescription
logo
Epson Company
B25671A5966A375 EPSON-B25671A5966A375 Datasheet
157Kb / 8P
   Film Capacitors - Power Factor Correction
logo
TDK Electronics
B25671A5966A375 TDK-B25671A5966A375 Datasheet
168Kb / 8P
   Film Capacitors ??Power Factor Correction
logo
Epson Company
B25671A5966A375 EPSON-B25671A5966A375_09 Datasheet
157Kb / 8P
   Film Capacitors - Power Factor Correction
More results

Similar Description - B25671A5966A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25671A4237A365 EPCOS-B25671A4237A365 Datasheet
324Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A4826A375 EPCOS-B25671A4826A375 Datasheet
324Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A5287A375 EPCOS-B25671A5287A375 Datasheet
325Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A4207A375 EPCOS-B25671A4207A375 Datasheet
324Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A5197A375 EPCOS-B25671A5197A375 Datasheet
325Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A4127A375 EPCOS-B25671A4127A375 Datasheet
324Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A4247A375 EPCOS-B25671A4247A375 Datasheet
322Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A4417A375 EPCOS-B25671A4417A375 Datasheet
322Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A5177A375 EPCOS-B25671A5177A375 Datasheet
324Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A5247A375 EPCOS-B25671A5247A375 Datasheet
324Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A5347A375 EPCOS-B25671A5347A375 Datasheet
323Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com