Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25671A5197A375 Datasheet(PDF) 7 Page - EPCOS

Part # B25671A5197A375
Description  PoleCap Capacitors for Power Factor Correction (Outdoor usage)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25671A5197A375 Datasheet(HTML) 7 Page - EPCOS

  B25671A5197A375 Datasheet HTML 1Page - EPCOS B25671A5197A375 Datasheet HTML 2Page - EPCOS B25671A5197A375 Datasheet HTML 3Page - EPCOS B25671A5197A375 Datasheet HTML 4Page - EPCOS B25671A5197A375 Datasheet HTML 5Page - EPCOS B25671A5197A375 Datasheet HTML 6Page - EPCOS B25671A5197A375 Datasheet HTML 7Page - EPCOS B25671A5197A375 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Power Capacitors
B25671A5197A375
Power Factor Correction
MKK525-D-16.7-P
Clearing distance for overpressure disconnector
Above each capacitor, a minimum space of 5 cm has to be kept. This will allow the visual control to
work and enable a longitudinal extension of the can to secure the over-pressure disconnector work.
Grounding
The threaded bottom stud of the capacitor has to be used for grounding. In case grounding is done
via metal chassis that the capacitor is mounted to, the layer of varnish beneath the washer and nut
should be removed. The maximum tightening torque is 10 Nm.
Choosing the best spot for mounting
Especially in regions with long periods of sunshine and high temperatures, the PoleCap should be
installed in such a way that it is located in the shadow of the pole for most of the daylight. In addition
to the natural cooling by the wind in combination with the single-housing of the capacitor, this will help
to keep the hot spot temperature at the lowest level possible.
Maintenance
Check tightness of the connections/terminals periodically.
Take current reading twice a year and compare with nominal current. Use a harmonic analyser or
true effective RMS-meter.
In case of current above the nominal current check your application for modifications.
If a significant increase in the amount of non-linear loads has been detected, then a consultant
has to be called in for a harmonic study.
In case of the presence of harmonics installation of a de-tuned capacitor bank (reactors) must be
considered.
Check the discharge resistors/reactors and in case of doubt, check their function:
(1) power the capacitor up and down.
(2) After 60 seconds the voltage between the terminals must decline to less than 50 V.
Check the temperature of capacitors directly after operation for a longer period, but make sure
that the capacitors have been switched off. In case of excessive temperature of individual
capacitors, it is recommended to replace these capacitors as this should be an indication for loss
factor increase which is a sign for reaching end of life.
Storage and operating conditions
Do not use or store capacitors in corrosive atmosphere, especially where chloride gas, sulfide gas,
acid, alkali, salt or the like are present. In dusty environments regular maintenance and cleaning
especially of the terminals is required to avoid conductive path between phases and/or phases
and ground.
Note
For detailed information about PFC capacitors and cautions, refer to the latest version of EPCOS PFC
Product Profile.
FK PFC R&D
2005-06-03
Please read the important notes,
Page
7 of 8
cautions and warnings.


Similar Part No. - B25671A5197A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25671A5197A375 EPCOS-B25671A5197A375 Datasheet
119Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
logo
TDK Electronics
B25671A5197A375 TDK-B25671A5197A375 Datasheet
129Kb / 8P
   Film Capacitors ??Power Factor Correction
logo
EPCOS
B25671A5197A375 EPCOS-B25671A5197A375_09 Datasheet
119Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
More results

Similar Description - B25671A5197A375

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25671A4237A365 EPCOS-B25671A4237A365 Datasheet
324Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A4826A375 EPCOS-B25671A4826A375 Datasheet
324Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A5287A375 EPCOS-B25671A5287A375 Datasheet
325Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A4207A375 EPCOS-B25671A4207A375 Datasheet
324Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A4127A375 EPCOS-B25671A4127A375 Datasheet
324Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A4247A375 EPCOS-B25671A4247A375 Datasheet
322Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A4417A375 EPCOS-B25671A4417A375 Datasheet
322Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A5177A375 EPCOS-B25671A5177A375 Datasheet
324Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A5247A375 EPCOS-B25671A5247A375 Datasheet
324Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
B25671A5347A375 EPCOS-B25671A5347A375 Datasheet
323Kb / 8P
   PoleCap Capacitors for Power Factor Correction (Outdoor usage)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com