Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7128H Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SAA7128H
Description  Digital video encoder
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7128H Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SAA7128H Datasheet HTML 28Page - NXP Semiconductors SAA7128H Datasheet HTML 29Page - NXP Semiconductors SAA7128H Datasheet HTML 30Page - NXP Semiconductors SAA7128H Datasheet HTML 31Page - NXP Semiconductors SAA7128H Datasheet HTML 32Page - NXP Semiconductors SAA7128H Datasheet HTML 33Page - NXP Semiconductors SAA7128H Datasheet HTML 34Page - NXP Semiconductors SAA7128H Datasheet HTML 35Page - NXP Semiconductors SAA7128H Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
2000 Mar 08
32
Philips Semiconductors
Product specification
Digital video encoder
SAA7128H; SAA7129H
Table 56 Selection of luminance path delay
Table 57 Selection of field length control
Table 58 Subaddress 6FH
Table 59 Selection of line 21 encoding
Table 60 Subaddress 70H
LDEL1
LDEL0
LUMINANCE PATH DELAY
0
0
no luminance delay; default value after reset
0
1
1 LLC luminance delay
1
0
2 LLC luminance delay
1
1
3 LLC luminance delay
FLC1
FLC0
DESCRIPTION
0
0
interlaced 312.5 lines/field at 50 Hz, 262.5 lines/field at 60 Hz; default value after reset
0
1
non-interlaced 312 lines/field at 50 Hz, 262 lines/field at 60 Hz
1
0
non-interlaced 313 lines/field at 50 Hz, 263 lines/field at 60 Hz
1
1
non-interlaced 313 lines/field at 50 Hz, 263 lines/field at 60 Hz
BIT
SYMBOL
DESCRIPTION
7
CCEN1
These 2 bits enable individual line 21 encoding; see Table 59.
6
CCEN0
5
TTXEN
0 = disables teletext insertion; default state after reset
1 = enables teletext insertion
4
SCCLN4
These 5 bits select the actual line where closed caption or extended data are encoded.
3
SCCLN3
line = (SCCLN[4:0] + 4) for M-systems
line = (SCCLN[4:0] + 1) for other systems
2
SCCLN2
1
SCCLN1
0
SCCLN0
CCEN1
CCEN0
LINE 21 ENCODING
0
0
line 21 encoding off; default value after reset
0
1
enables encoding in field 1 (odd)
1
0
enables encoding in field 2 (even)
1
1
enables encoding in both fields
BIT
SYMBOL
DESCRIPTION
7 to 0
RCV2S[7:0]
These are the 8 LSBs of the 11-bit code that determines the start of the output signal
on the RCV2 pin; the 3 MSBs of the 11-bit code are held at subaddress 72H (see
Table 62). Values above 1715 (FISE = 1) or 1727 (FISE = 0) are not allowed. Leading
sync slope at CVBS output coincides with leading slope of RCV2 out at RCV2S = 49H.


Similar Part No. - SAA7128H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7128AH PHILIPS-SAA7128AH Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7128AH_7129AH PHILIPS-SAA7128AH_7129AH_15 Datasheet
273Kb / 55P
   Digital video encoder
2003 Dec 09
More results

Similar Description - SAA7128H

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
   Digital video encoder
logo
Sony Corporation
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7105E NXP-SAA7105E_05 Datasheet
371Kb / 78P
   Digital video encoder
Rev. 02-23 December 2005
SAA7104H PHILIPS-SAA7104H Datasheet
354Kb / 71P
   Digital video encoder
2004 Mar 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com