Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7128H Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SAA7128H
Description  Digital video encoder
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7128H Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SAA7128H Datasheet HTML 9Page - NXP Semiconductors SAA7128H Datasheet HTML 10Page - NXP Semiconductors SAA7128H Datasheet HTML 11Page - NXP Semiconductors SAA7128H Datasheet HTML 12Page - NXP Semiconductors SAA7128H Datasheet HTML 13Page - NXP Semiconductors SAA7128H Datasheet HTML 14Page - NXP Semiconductors SAA7128H Datasheet HTML 15Page - NXP Semiconductors SAA7128H Datasheet HTML 16Page - NXP Semiconductors SAA7128H Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
2000 Mar 08
13
Philips Semiconductors
Product specification
Digital video encoder
SAA7128H; SAA7129H
7.10
Input levels and formats
The SAA7128H; SAA7129H expects digital Y, CB,CR data
with levels (digital codes) in accordance with
“ITU-R BT.601”.
For C and CVBS outputs, deviating amplitudes of the
colour difference signals can be compensated by
independent gain control setting, while gain for luminance
is set to predefined values, distinguishable for 7.5 IRE
set-up or without set-up.
The RGB, respectively CR-Y-CB path features a gain
setting individually for luminance (GY) and colour
difference signals (GCD).
Reference levels are measured with a colour bar,
100% white, 100% amplitude and 100% saturation.
Table 1
“ITU-R BT.601” signal component levels
Notes
1. Transformation:
a) R = Y + 1.3707
× (CR − 128)
b) G = Y
− 0.3365 × (CB − 128) − 0.6982 × (CR − 128)
c) B = Y + 1.7324
× (CB − 128).
2. Representation of R, G and B (or CR, Y and CB) at the output is 9 bits at 27 MHz.
Table 2
8-bit multiplexed format (similar to
“ITU-R BT.601”)
COLOUR
SIGNALS(1)
YCB
CR
R(2)
G(2)
B(2)
White
235
128
128
235
235
235
Yellow
210
16
146
235
235
16
Cyan
170
166
16
16
235
235
Green
145
54
34
16
235
16
Magenta
106
202
222
235
16
235
Red
81
90
240
235
16
16
Blue
41
240
110
16
16
235
Black
16
128
128
16
16
16
TIME
BITS
01234567
Sample
CB0Y0
CR0Y1
CB2Y2
CR2Y3
Luminance pixel number
0123
Colour pixel number
0
2


Similar Part No. - SAA7128H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7128AH PHILIPS-SAA7128AH Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7128AH_7129AH PHILIPS-SAA7128AH_7129AH_15 Datasheet
273Kb / 55P
   Digital video encoder
2003 Dec 09
More results

Similar Description - SAA7128H

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
   Digital video encoder
logo
Sony Corporation
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
SAA7105E NXP-SAA7105E_05 Datasheet
371Kb / 78P
   Digital video encoder
Rev. 02-23 December 2005
SAA7104H PHILIPS-SAA7104H Datasheet
354Kb / 71P
   Digital video encoder
2004 Mar 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com